전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CE-52-R/CE

  • AI
    Based on the part number provided, this appears to be a specialized **Control Unit or Operation Component** often associated with industrial switches or control systems (frequently within the Omron M2CE series). These are typically used in indicator lamps, push-button switches, and control panels. ### 1. General Specifications The **M2CE-52-R/CE** is a modular component designed for industrial automation and interface control. | Feature | Description | | :--- | :--- | | **Component Type** | Indicator Unit / Operating Part | | **Series** | M2CE (Modular Control Components) | | **Color** | **R** (Red) | | **Certification** | **CE** Marking (Meets European safety/health/environmental standards) | | **Mounting Shape** | Rectangular / Square (Series dependent) | --- ### 2. Breakdown of the Part Number To understand the electronic function, we can decode the suffix: * **M2CE**: The series designation, usually referring to the display/indicator unit for 22mm or specialized industrial panel cutouts. * **52**: This usually indicates the specific physical dimensions and the internal lighting configuration (e.g., LED or Incandescent compatibility). * **R**: Specifies the lens or filter color—in this case, **Red**. * **CE**: Confirms the part is compliant with European Economic Area standards. --- ### 3. Key Electronic Characteristics These units are designed to interface with contact blocks and power supplies to provide visual feedback on a machine's status. * **Illumination Compatibility:** Most M2CE units support **LED lamps** or **Incandescent lamps**. Note that the voltage (e.g., 6V, 12V, 24V) is usually determined by the specific lamp inserted into the base unit. * **Insulation Resistance:** Typically rated at **100 MΩ minimum** (at 500 VDC) to ensure safety and prevent leakage currents. * **Dielectric Strength:** Usually rated for **2,000 VAC** for 1 minute between terminals of different polarity. * **Operating Temperature:** Generally rated for **-10°C to +55°C**, making them suitable for standard factory environments. --- ### 4. Application Usage The M2CE-52-R/CE is commonly used in the following scenarios: 1. **Emergency Stop Indicators:** Utilizing the Red color to signal a fault or stop condition. 2. **Status Monitoring:** Placed on control desks to show when a specific motor or circuit is energized. 3. **Human-Machine Interface (HMI):** Integrated into physical panels where tactile switches and high-visibility indicators are required. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible lamp types for this specific M2CE unit?
    • ⤷ Is this part compatible with Omron A3C or A3P series accessories?
    • ⤷ What is the standard mounting hole diameter for the M2CE series?