전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CE-5E-R/CE

  • AI
    The **M2CE-5E-R/CE** is a high-performance, compact **Brushless DC (BLDC) Motor Driver/Controller** developed by **Oriental Motor**. It is part of the BLE2 Series, designed for precise speed control and high torque efficiency in industrial automation. --- ### 1. Technical Specifications The following table highlights the core electronic and operational parameters: | Component / Feature | Specification Details | | :--- | :--- | | **Input Voltage** | Single-Phase 200-240 VAC (-15% to +10%), 50/60 Hz | | **Compatible Motor Output** | 60W (approx. 1/12 HP) | | **Speed Control Range** | 80 to 4000 r/min | | **Control System** | I/O (Digital) or External Analog (0-10VDC / 4-20mA) | | **Communication Interface** | Support for digital parameter setting (USB/Software) | | **Protection Grade** | IP20 (Driver) | --- ### 2. Key Electronic Features #### A. Power Stage and Inverter The driver utilizes an Integrated Power Module (IPM) to convert the AC input into a controlled DC bus, which is then switched via PWM (Pulse Width Modulation) to drive the 3-phase brushless motor. This ensures high efficiency and minimal heat generation compared to brushed motors. #### B. Feedback Loop (Closed-Loop Control) Unlike simple frequency inverters, the M2CE-5E-R/CE uses a **Closed-Loop system**. It monitors the motor's internal hall effect sensors (or encoder signals) to: * Maintain constant speed even if the load fluctuates. * Provide a "Speed Output" (pulse signal) to the host PLC for monitoring. #### C. Safety and Protection Circuits The electronic board is equipped with several diagnostic sensors to prevent hardware failure: * **Overload Protection:** Shuts down if the motor exceeds rated torque for a specific duration. * **Overvoltage/Undervoltage:** Protects the capacitors and MOSFETs from line spikes or brownouts. * **Sensor Error:** Detects if the feedback cable is disconnected. --- ### 3. Connection Interface Layout The unit features specific terminal blocks for different electronic functions: 1. **Main Power Terminals (L, N, PE):** Connection point for the 200-240V AC supply. 2. **Motor Connector:** A dedicated multi-pin port for the 3-phase power leads and the sensor feedback lines. 3. **Control I/O (CN9):** * **Inputs:** Start/Stop, Rotation Direction, Speed Selection (up to 16 speeds), and Alarm Reset. * **Outputs:** Speed Pulse, Alarm, and Ready signals. 4. **USB Port:** For connecting to a PC using *MEXE02* support software for advanced tuning and monitoring. --- ### 4. Comparison: Analog vs. Digital Control The "CE" designation indicates compliance with European safety standards, often paired with versatile control options: | Feature | Analog Mode | Digital Mode (via Software/PLC) | | :--- | :--- | :--- | | **Speed Setting** | External Potentiometer | Multi-step speed settings (Parameters) | | **Acceleration** | Fixed/Manual | Programmable S-curves | | **Monitoring** | Basic pulses | Real-time torque and load factor | ---
    ✨ Follow-up Questions
    • ⤷ How do I wire the M2CE-5E-R/CE to a PLC using NPN logic?
    • ⤷ What is the specific MEXE02 software used for with this driver?
    • ⤷ Can this driver be used with a 110V AC power source?