전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-1100F-R2/Q

  • AI
    The **M2CEC-1100F-R2/Q** is an industrial-grade embedded system component, typically part of a modular PC or an expansion carrier board system (often associated with brands like **IEI Integration Corp**). Below is a breakdown of its electronic characteristics and functional components. --- ### 1. Component Overview This part functions primarily as a **Carrier Board** or **Expansion Interface** for high-performance computing modules. It is designed to bridge a core processor module to various Input/Output (I/O) peripherals. ### 2. Key Electronic Specifications The board is characterized by its ruggedized electronic design, ensuring stability in industrial environments. | Feature | Specification Details | | :--- | :--- | | **Form Factor** | Proprietary Industrial / Compact Board | | **Input Voltage** | Typically 9V ~ 36V DC (Wide range for industrial power) | | **I/O Interface** | Support for USB 3.0, Dual LAN (Gigabit), and RS-232/422/485 | | **Expansion Slots** | M.2 (B-Key / M-Key) for NVMe or Cellular modules | | **Display Output** | HDMI or DisplayPort (DP) via internal high-speed headers | | **Thermal Design** | Fanless heat dissipation structure | --- ### 3. Electronic Architecture The board's circuitry is divided into several critical subsystems: #### A. Power Management Circuitry * **Voltage Regulation:** Uses high-efficiency DC-to-DC converters to step down industrial power (e.g., 24V) to the 3.3V and 5V rails required by logic chips. * **Protection:** Includes Transient Voltage Suppressors (TVS) and OCP (Over-Current Protection) to prevent damage from power surges. #### B. Connectivity Hub * **Ethernet Controllers:** Usually integrated Intel or Realtek chips providing isolated LAN ports to reduce electromagnetic interference (EMI). * **Signal Integrity:** Uses differential pair routing for high-speed signals (USB/PCIe) to ensure data stability. #### C. Expansion & Storage * **M.2 Slots:** Designed with PCIe lanes and SATA lines, allowing for the addition of SSDs or AI acceleration cards (like Intel Movidius). --- ### 4. Environmental & Durability Standards As indicated by the "R2" (Revision 2) and "Q" (Quality/Quiet) suffixes, this part is built for longevity: 1. **Industrial Capacitors:** Uses solid-state capacitors which have a longer lifespan than electrolytic versions. 2. **Wide Temperature Tolerance:** Often rated to operate between **-20°C to 60°C**. 3. **Vibration Resistance:** Connectors are often reinforced or have locking mechanisms to withstand mechanical stress. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the M.2 slots on this board?
    • ⤷ Does this model support PoE (Power over Ethernet) on its LAN ports?
    • ⤷ What are the compatible CPU modules for the M2CEC-1100F series?