전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-110G-R

  • AI
    The **M2CEC-110G-R** is a high-performance, ruggedized carrier board (often referred to as a "personality board") designed for high-speed networking applications, typically used with COM Express modules. --- ### ## Technical Specifications Overview The following table outlines the primary electronic characteristics and interface capabilities of the M2CEC-110G-R: | Feature | Specification | | :--- | :--- | | **Form Factor** | Custom Rugged Carrier Board | | **Network Interfaces** | 2x 10GbE (10 Gigabit Ethernet) | | **Connector Type** | SFP+ or Ruggedized Copper (Configuration dependent) | | **Interface to Host** | COM Express Type 6 or Type 7 Compatible | | **Expansion Slots** | M.2 (Key M) for NVMe/SSD Support | | **Input Voltage** | Wide range DC Input (typically 9V - 36V) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### ### Key Electronic Components & Subsystems #### 1. Networking Controller & PHY The heart of this board is the **10GbE Ethernet Controller** (often Intel-based, such as the X550 or X710 series depending on the specific revision). - **Signal Integrity:** Uses high-frequency differential pair routing to maintain 10Gbps speeds. - **Isolation:** Includes magnetic isolation modules to protect the internal circuitry from external surges on the LAN lines. #### 2. Power Management (VRM) Because it is designed for rugged environments, the board features a robust **Voltage Regulator Module (VRM)** system: - **DC-DC Converters:** High-efficiency buck-boost converters to step down vehicle or industrial power to 12V, 5V, and 3.3V. - **Filtering:** LC filters and TVS (Transient Voltage Suppressor) diodes are integrated to handle EMI and voltage spikes common in military or industrial settings. #### 3. High-Speed Interconnects The board utilizes specific high-density connectors to interface with a COM (Computer on Module): - **PCIe Lanes:** Utilizes multiple lanes of PCIe Gen 3 to facilitate the massive bandwidth required for dual 10GbE ports. - **M.2 Slot:** Features an M-key slot for high-speed storage, directly wired to the host module’s PCIe lanes for low latency. #### 4. Ruggedized Physical Construction - **Conformal Coating:** Often applied to protect components from moisture and dust. - **Solid Capacitors:** Uses tantalum or high-grade ceramic capacitors instead of electrolytic ones to ensure longevity in high-heat environments. --- ### ### Typical Application Use-Cases * **Edge Computing:** Processing large amounts of data from sensors in real-time. * **Military/Aerospace:** Communication gateways requiring high-speed data throughput in harsh environments. * **Autonomous Vehicles:** Handling high-resolution camera feeds over a network backbone.
    ✨ Follow-up Questions
    • ⤷ Which COM Express modules are most compatible with the M2CEC-110G-R?
    • ⤷ Does this board support Power over Ethernet (PoE) functionality?
    • ⤷ What are the specific dimensions and mounting hole patterns for this carrier board?