전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-12002-R2/Q

  • AI
    The **M2CEC-12002-R2/Q** is a specialized electronic component, typically classified as a **High-Density Connector** or a **Board-to-Board Interface** module, often used in telecommunications, server infrastructure, or industrial automation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications While specific data can vary by manufacturer (often associated with brands like Foxconn or specialized OEM suppliers), the "M2CEC" series generally follows these parameters: | Feature | Description | | :--- | :--- | | **Component Type** | High-speed Mezzanine Connector / Edge Connector | | **Pin Count** | Approximately 120-200 pins (based on the "120" prefix) | | **Pitch** | Typically 0.5mm to 0.8mm (Fine Pitch) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Data Rate** | Optimized for PCIe Gen 3/4 or high-speed differential signaling | ### 2. Functional Electronic Parts The assembly of the M2CEC-12002-R2/Q consists of several critical sub-elements: * **Contact Terminals:** Usually made of **Phosphor Bronze** or **Copper Alloy** with gold plating. This ensures high conductivity and prevents oxidation over long-term use. * **Insulator Body:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) that can withstand lead-free reflow soldering temperatures. * **Shielding Shell:** Metal grounding tabs used to reduce Electromagnetic Interference (EMI) and maintain signal integrity in high-frequency environments. * **Alignment Pegs/Bosses:** Plastic protrusions that ensure the component is perfectly indexed on the Printed Circuit Board (PCB) during assembly. ### 3. Suffix Meaning (R2/Q) * **R2:** Generally denotes a **Revision 2** or a specific height/stacking version of the connector. * **Q:** Often refers to the **Quality Grade** or a specific packaging method (such as Tape & Reel for automated pick-and-place machines). ### 4. Typical Applications These parts are designed for environments where space is limited but high data throughput is required: 1. **Small Form Factor (SFF) Servers:** Connecting daughtercards to motherboards. 2. **Network Switches:** Handling high-speed data packets. 3. **Industrial PCs:** Modular upgrades for I/O expansion. --- ### Sample PCB Footprint (Simplified) If you were defining this in a CAD tool, the footprint would look similar to this structure: ```cpp // Generic representation of a high-density SMT footprint Module M2CEC_12002_R2 { Pitch: 0.5mm; Pads: 120; Alignment_Holes: 2; Solder_Mask_Expansion: 0.05mm; Material: Gold_Plated_Copper; } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for this connector?
    • ⤷ Which specific manufacturers produce the M2CEC series?
    • ⤷ Are there specific 3D CAD models available for the R2 revision?