전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-12003-R2

  • AI
    The **M2CEC-12003-R2** is a high-performance **Carrier Board** (also referred to as an Evaluation Board or Carrier Card) designed specifically for **NVIDIA® Jetson™ Orin NX and Orin Nano** System-on-Modules (SoM). It serves as the interface between the dense, high-pin-count connector of the Jetson module and standard peripheral ports. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Compatibility** | NVIDIA Orin NX / Orin Nano | | **Storage** | 1x M.2 Key M (PCIe Gen4 x4) for NVMe SSD | | **Networking** | 1x Gigabit Ethernet (RJ45) | | **Display Output** | 1x HDMI 2.0 (Supports 4K) | | **USB Connectivity** | 2x USB 3.2 Gen2 (Type-A), 1x USB 2.0 (Micro-AB for flashing) | | **Expansion Slot** | 1x M.2 Key E (for WiFi/Bluetooth modules) | | **Power Input** | +9V to +19V DC | --- ### 2. Electronic Component Breakdown #### A. Power Management System The board integrates complex **DC-DC Buck Converters**. Since the Jetson Orin modules require stable, high-current power rails (usually around 5V for the module and 3.3V/1.8V for peripherals), the R2 version features optimized power circuitry to handle the peak power draws of the Orin NX (up to 25W). #### B. Storage & Data Interfaces * **M.2 Key M Slot:** This utilizes the PCIe Gen4 lanes directly from the Orin module. It is the primary interface for high-speed OS booting and data logging. * **MIPI CSI-2 Connectors:** The board typically includes 15-pin or 22-pin headers to interface with camera sensors, supporting high-bandwidth image processing for AI vision tasks. #### C. Communication & Control (GPIO) Like most Jetson carriers, it features a **40-pin Header**. This header provides: * **I2C/SMBus:** For sensor communication. * **UART:** For serial debugging. * **PWM:** For controlling motors or fans. * **GPIO:** General digital input/output. #### D. Networking Stack It employs an onboard **Physical Layer (PHY) chip** to convert the RGMII signals from the Orin module into a standard 10/100/1000 Base-T Ethernet port. --- ### 3. Structural Improvements in the R2 Revision The "R2" suffix generally denotes a second hardware revision. In this specific model, improvements usually focus on: 1. **Thermal Dissipation:** Better copper pour patterns to help heat move away from the M.2 SSD. 2. **Signal Integrity:** Improved routing for PCIe Gen4 to reduce electromagnetic interference (EMI). 3. **Circuit Protection:** Enhanced ESD (Electrostatic Discharge) protection on the USB and HDMI ports. ---
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements for the M2CEC-12003-R2?
    • ⤷ Does this carrier board support the older Jetson Xavier NX modules?
    • ⤷ How do I flash the Jetson module when mounted on this board?