전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-12006-R2/

  • AI
    The **M2CEC-12006-R2** is a high-performance power supply unit (PSU) manufactured by **Chicony Power Technology**. It is specifically designed as a redundant power supply module for enterprise-level servers, networking equipment, and data centers. Below is an explanation of its electronic components and technical characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Chicony Power Technology | | **Model Number** | M2CEC-12006-R2 | | **Form Factor** | CRPS (Common Redundant Power Supply) | | **Total Output Power** | 1200 Watts | | **Efficiency Rating** | 80 PLUS Platinum (Typically >94% efficiency) | | **Input Voltage** | 100V - 240V AC | | **Output Voltage** | +12V (Main Rail), +12Vsb (Standby) | --- ### 2. Major Electronic Subsystems The M2CEC-12006-R2 utilizes several critical electronic stages to convert AC wall power into stable DC power for server components: #### A. Input Filter and Rectification * **EMI/EMC Filter:** A series of capacitors (X and Y caps) and inductors (Chokes) designed to prevent electromagnetic interference from leaking back into the power grid. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. #### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Uses high-speed MOSFETs and a large PFC inductor to ensure the current is in phase with the voltage. This maximizes power efficiency and reduces "reactive power" waste. * **Bulk Capacitor:** A large high-voltage electrolytic capacitor that stores energy to smooth out the rectified DC voltage. #### C. DC-DC Conversion & Regulation * **Resonant LLC Converter:** The primary stage that steps down the high-voltage DC to 12V. LLC converters are used in Platinum-rated PSUs because they allow for "Zero Voltage Switching" (ZVS), which drastically reduces heat loss. * **Secondary Synchronous Rectification:** Instead of standard diodes, this unit uses low-resistance MOSFETs on the secondary side to minimize voltage drops and heat generation during high-current output. #### D. Monitoring and Protection (IC Logic) * **Supervisory IC:** Monitors the output for OVP (Over Voltage Protection), OCP (Over Current Protection), and SCP (Short Circuit Protection). * **PMBus Interface:** The module includes an I2C-based PMBus interface, allowing the server motherboard to monitor real-time power consumption, fan speed, and temperature. --- ### 3. Physical Interface and Cooling * **Gold Finger Connector:** The rear of the module features a PCB edge connector (Gold Fingers) that slides into a distribution board (PDB). This carries the high-amperage 12V current and the communication signals. * **Active Cooling:** A high-RPM 40mm cooling fan is located at the front, controlled by an internal thermal sensor to adjust speed based on load. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout definitions for the CRPS gold finger connector?
    • ⤷ How does the 80 PLUS Platinum rating impact the thermal management of this PSU?
    • ⤷ Is the M2CEC-12006-R2 compatible with OCP (Open Compute Project) standards?