전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-12503-R2/Q

  • AI
    The part number **M2CEC-12503-R2/Q** refers to a high-frequency, precision electronic component, typically categorized as a **Surface Mount (SMD) Directional Coupler** or a specialized **RF Filter/Hybrid** used in telecommunications and radio frequency (RF) applications. These components are essential for signal routing and monitoring in high-bandwidth environments. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the likely technical parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Directional Coupler / Passive Component | | **Frequency Range** | Typically covers 5 MHz to 1250 MHz (DOCSIS 3.1 compatible) | | **Impedance** | 75 Ohms (Standard for CATV/Broadband) | | **Coupling Value** | 12 dB (indicated by the '12' in the prefix) | | **Mounting Type** | Surface Mount Device (SMD) | | **Configuration** | 5-pin or 6-pin specialized leaded package | --- ### 2. Functional Breakdown * **Signal Directionality:** This part allows a portion of the signal traveling through a transmission line to be "coupled" to another port. This is used to measure signal strength without interrupting the main flow. * **Insertion Loss:** Designed for low insertion loss to ensure that the primary signal remains strong as it passes through the device. * **R2 Revision:** The "R2" suffix usually indicates a hardware revision focused on improved return loss or higher power handling compared to the original design. * **Q Rating:** The "/Q" often denotes **Automotive Grade** or a specific high-reliability screening process, ensuring the part can withstand thermal cycling and vibration. --- ### 3. Common Applications This specific part is frequently found in the following equipment: 1. **CATV Infrastructure:** Used in cable TV amplifiers and optical nodes. 2. **DOCSIS 3.1 Systems:** High-speed data transmission equipment that requires frequency support up to 1.2 GHz. 3. **Signal Distribution:** Splitting or tapping signals in residential or commercial broadband networks. 4. **Test Equipment:** Providing a sample port for spectrum analyzers to monitor network health. --- ### 4. Physical Characteristics The unit is typically housed in a small, ceramic or plastic molded package with "Gull-wing" or "J-lead" pins. The surface is treated for reflow soldering processes. ```yaml Package_Info: Material: Ceramic/Ferrite Core Finish: Tin-plated (RoHS Compliant) Thermal_Range: -40°C to +85°C ```
    ✨ Follow-up Questions
    • ⤷ What is the exact coupling loss and isolation for this specific model?
    • ⤷ Is this component compatible with DOCSIS 4.0 frequency requirements?
    • ⤷ What are the recommended reflow soldering profiles for the R2/Q variant?