전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-12504-R2/Q

  • AI
    The **M2CEC-12504-R2/Q** is a specialized electronic component, typically classified as a **High-Current Common Mode Choke** or a customized **Power Inductor** module. These components are primarily used in high-density power conversion systems and automotive electronics to filter Electromagnetic Interference (EMI). --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the likely electronic characteristics: | Parameter | Estimated Value / Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Power Inductor | | **Current Rating** | High Current (Likely 20A - 50A range) | | **Inductance** | Low to Medium (designed for high-frequency filtering) | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Ferrite or Metal Alloy (for high saturation) | | **Operating Temp** | -40°C to +125°C (Automotive/Industrial Grade) | --- ### 2. Functional Breakdown The part serves three primary electronic functions within a circuit: #### A. EMI Suppression The internal windings are designed to provide high impedance to **common-mode noise** (signals traveling in the same direction on both lines) while allowing the desired DC or AC power signals to pass through with minimal resistance. #### B. Magnetic Core Saturation The "12504" designation often refers to the physical footprint (e.g., 12.5mm x 12.5mm x 4.0mm). The core is engineered to handle high DC currents without "saturating," which would otherwise cause the component to lose its inductive properties and overheat. #### C. Heat Dissipation The "R2" usually signifies a revision or a specific DC resistance (DCR) profile. Low DCR is critical in these parts to prevent power loss and heat buildup in high-efficiency power supplies. --- ### 3. Common Applications * **Automotive Electronics:** Used in On-Board Chargers (OBC) and DC-DC converters for Electric Vehicles (EVs). * **Industrial Power Supplies:** High-wattage SMPS (Switched Mode Power Supplies). * **Renewable Energy:** Inverters for solar power management where high-frequency switching noise must be mitigated. --- ### 4. Schematic Representation In a circuit diagram, this component is represented as two coupled inductors: ```text Line In (+) ---[ Inductor 1 ]--- Line Out (+) ) ) ) ) <-- Magnetic Core ) ) Line In (-) ---[ Inductor 2 ]--- Line Out (-) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 12504 package size?
    • ⤷ How does the 'Q' suffix affect the automotive qualification (AEC-Q200)?
    • ⤷ What is the typical DC resistance (DCR) for this specific choke?