전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-13006-R/Q

  • AI
    The **M2CEC-13006-R/Q** appears to be a specialized mechanical or electromechanical component, often associated with automotive or heavy machinery systems (frequently linked to Ford/Motorcraft or industrial hardware specifications). Below is a breakdown of the electronic and physical characteristics typically associated with this part category. --- ### 1. General Specifications While specific data sheets for proprietary part numbers can vary by manufacturer, parts in this series generally follow these parameters: | Attribute | Typical Specification | | :--- | :--- | | **Component Type** | Electromechanical Connector / Mounting Base | | **Material** | High-grade Polymer / Composite with Metallic Contacts | | **Conductivity** | Copper-alloy terminals (often silver or tin-plated) | | **Environmental Rating** | IP67 or higher (dust and water resistance) | | **Application** | Engine control units, sensor housing, or power distribution | --- ### 2. Electronic Characteristics If this part functions as a connector or sensor interface, its electronic performance is defined by: * **Contact Resistance:** Typically measured in milliohms ($m\Omega$) to ensure minimal voltage drop across the connection. * **Dielectric Strength:** The insulation material is designed to withstand high voltages (often >1000V AC) without breaking down, preventing short circuits. * **Current Capacity:** Depending on the gauge of the pins, it is usually rated for **10A to 40A** for power pins and **<5A** for signal pins. * **Thermal Stability:** Designed to operate in high-temperature environments (up to **125°C or 150°C**), which is critical for components mounted near engines. --- ### 3. Structural Components The "R/Q" suffix often denotes specific revisions or quality standards: 1. **Housing:** Made of PBT (Polybutylene terephthalate) reinforced with glass fiber for rigidity and heat resistance. 2. **Sealing:** Silicone or Viton gaskets are used to prevent moisture ingress, which causes electronic corrosion. 3. **Locking Mechanism:** Usually features a "Positive Lock" or CPA (Connector Position Assurance) to ensure the electronic connection remains stable under high vibration. --- ### 4. Comparison Table: R-Type vs. Q-Type In many industrial numbering systems, these suffixes differentiate the following: | Suffix | Meaning | Electronic Impact | | :--- | :--- | :--- | | **-R** | **RoHS Compliant** | Restricted use of hazardous substances like Lead (Pb). | | **-Q** | **Automotive Grade / AEC-Q** | Tested for higher vibration and stress cycles. | ---
    ✨ Follow-up Questions
    • ⤷ What is the pin configuration for the M2CEC-13006 connector?
    • ⤷ Does this part require specific crimping tools for installation?
    • ⤷ What is the maximum operating voltage for the M2CEC series?