AI

The **M2CEC-1400E-R2** is a specialized industrial motherboard (often referred to as a Carrier Board) typically designed for **COM Express Type 6 Compact/Basic** modules. It is engineered for high-performance embedded computing, often used in automation, medical imaging, and defense.
Below is a breakdown of the electronic components and interface specifications for this board:
---
### 1. Core Architecture & Compatibility
The "M2CEC" series is built to host a Computer-on-Module (COM). The board provides the physical I/O infrastructure for the processor sitting on the module.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | Micro-ATX or Proprietary Compact (Carrier Board) |
| **Module Support** | COM Express Type 6 (Basic/Compact) |
| **Power Input** | Standard ATX 24-pin or Wide Range DC Input (12V/24V) |
| **Operating Temp** | Standard (0°C to 60°C) or Industrial (-40°C to 85°C) |
---
### 2. Connectivity and I/O Interfaces
The electronic layout distributes high-speed signals from the COM Express pins to standard physical ports:
* **Display Interfaces:**
* **DisplayPort/HDMI:** Supports high-resolution digital output.
* **LVDS/eDP:** 18/24-bit dual-channel for internal flat-panel integration.
* **VGA:** Often included for legacy monitor support.
* **Expansion Slots:**
* **PCIe x16:** For high-end GPUs or FPGA accelerators.
* **Mini-PCIe / M.2:** Slots for Wi-Fi, Bluetooth, or cellular (LTE/5G) modules.
* **Storage:**
* **SATA III:** Multiple 6Gb/s ports for SSDs/HDDs.
* **mSATA:** Often shared with a Mini-PCIe slot.
* **Network:**
* **Dual/Triple Gigabit Ethernet:** Controlled via Intel or Realtek PHYs integrated on the board.
---
### 3. Integrated Electronic Circuits
The board features several sub-systems to ensure stable operation:
1. **Voltage Regulation Modules (VRMs):** Converts input power to precise voltages (5V, 3.3V, 1.2V) required by the peripherals and the COM Express module.
2. **Super I/O Controller:** Manages legacy ports like RS-232/422/485 (Serial), PS/2, and hardware monitoring (fan speed, temperature).
3. **Audio Codec:** Usually an HD Audio link providing Line-out, Line-in, and Mic-in via an onboard Realtek chip.
4. **GPIO:** General Purpose Input/Output headers for controlling relays or reading sensors in industrial environments.
---
### 4. Typical Applications
* **Edge Computing:** Processing data from IoT sensors locally.
* **Medical Equipment:** Powering diagnostic devices and imaging displays.
* **HMI (Human Machine Interface):** Used in kiosks and industrial control panels.
---
- ⤷
What are the power consumption requirements for the M2CEC-1400E-R2?
- ⤷ Which COM Express Type 6 modules are most compatible with this carrier board?
- ⤷ Does this board support TPM 2.0 for hardware-level security?