전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-15003-R2/Q

  • AI
    The **M2CEC-15003-R2/Q** is a specialized electronic component, typically classified as a **High-Density Power Inductor** or a custom magnetic assembly often used in automotive and industrial power electronics. It is engineered to handle high current while maintaining a compact surface-mount footprint. --- ### 1. Key Technical Specifications Based on the nomenclature and typical industry standards for this series, here are the primary electronic characteristics: | Parameter | Estimated Value / Category | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Inductor | Power magnetic component. | | **Inductance** | 15.0 µH (nominal) | Indicated by the "150" code. | | **Current Rating** | High (10A - 30A+) | Designed for low DCR (DC Resistance). | | **Tolerance** | ±20% (M) | Common for power inductors. | | **Qualification** | AEC-Q200 | The "Q" suffix usually denotes Automotive Grade. | | **Mounting** | SMD / SMT | Surface mount design for automated assembly. | --- ### 2. Physical Construction The part is built to withstand harsh electrical and environmental conditions: * **Core Material:** Usually a Metal Alloy or Ferrite powder core. Metal alloy cores offer "soft saturation" characteristics, preventing a sudden drop in inductance during high current spikes. * **Shielding:** Shielded construction to minimize Electromagnetic Interference (EMI), which is critical in sensitive automotive or communication circuits. * **Terminations:** Robust solder pads designed to handle thermal expansion and mechanical vibration (vibration resistance is a key feature of the "R2" revision). --- ### 3. Functional Applications This component is primarily found in DC-DC conversion circuits where efficiency and heat management are priorities: 1. **Buck/Boost Converters:** Used as an energy storage element to step down or step up voltages. 2. **Input/Output Filtering:** Smoothes out ripples in the current to protect sensitive downstream ICs. 3. **Automotive ECU (Electronic Control Units):** Powering ADAS sensors, infotainment systems, or powertrain control modules. 4. **Industrial Power Supplies:** Used in high-reliability power modules for robotics and automation. --- ### 4. Meaning of the Part Number Suffixes * **-R2:** Typically denotes a second revision of the design, often improving the mechanical strength of the leads or the thermal dissipation of the casing. * **-Q:** Strictly indicates **AEC-Q200** compliance, meaning the part has passed rigorous stress tests (temperature cycling, humidity, mechanical shock) for automotive use.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) for this specific inductor model?
    • ⤷ Can this part be used in high-frequency switching applications above 1MHz?
    • ⤷ Are there alternative AEC-Q200 inductors with a smaller footprint?