M2CEC-1600E-R2
AI

The **M2CEC-1600E-R2** is a high-performance industrial-grade carrier board or expansion module, typically associated with **IEI Integration Corp**. It is designed specifically to bridge high-speed signals from computing modules (like COM Express or specialized slot cards) to peripheral interfaces.
Below is a breakdown of the electronic components and technical specifications for this module.
---
## 1. Core Hardware Specifications
The M2CEC-1600E-R2 is essentially an adapter board that converts specific edge connector signals into standard I/O ports.
| Component Category | Description |
| :--- | :--- |
| **Form Factor** | Expansion Module / Carrier Board extension |
| **Interface Type** | M.2 (NGFF) to PCIe/SATA/USB conversion |
| **Power Input** | Typically powered via the host board's interface (+3.3V / +5V) |
| **Operating Temp** | -20°C to +60°C (Industrial Grade) |
| **Storage Temp** | -30°C to +70°C |
---
## 2. Key Electronic Interfaces
This board acts as a signal router. The electronic layout is optimized for high-speed data integrity across the following paths:
### A. M.2 Connectivity
* **Key Type:** Usually supports M.2 B-Key or M-Key (check specific revision for NVMe vs. SATA support).
* **Signal Path:** Direct trace routing to minimize EMI (Electromagnetic Interference) for high-speed storage or wireless modules.
### B. Signal Conversion Chips
While the board is primarily passive, it contains several critical active electronic components:
* **Voltage Regulators:** Small LDO (Low Dropout) regulators to ensure stable voltage to sensitive M.2 cards.
* **EEPROM:** A small memory chip often stores board identification and revision data for the BIOS to recognize the hardware.
* **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) are placed near power pins to filter out high-frequency noise.
---
## 3. Physical Layout & Connectivity
The PCB (Printed Circuit Board) design focuses on durability for industrial environments.
* **Gold Fingers:** The edge connector uses high-quality gold plating to prevent oxidation in humid or vibrating environments.
* **Mounting Holes:** Includes grounded mounting points to ensure the board is electrically bonded to the chassis for ESD (Electrostatic Discharge) protection.
* **LED Indicators:** Often features SMD (Surface Mount Device) LEDs to indicate Power Status and Data Activity.
---
## 4. Common Use Cases
1. **Industrial PC (IPC) Expansion:** Adding NVMe storage to a system that only has standard PCIe slots.
2. **Edge Computing:** Integrating AI accelerators (like Coral M.2 or Intel Movidius) into IEI embedded systems.
3. **Networking:** Converting internal signals to support 4G/5G or Wi-Fi modules.
---
- ⤷
Is the M2CEC-1600E-R2 compatible with standard consumer motherboards?
- ⤷ What are the specific M.2 keying options supported by this revision?
- ⤷ Does this board require additional drivers for signal conversion?