전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-21502-R2

  • AI
    The **M2CEC-21502-R2** is a specialized electronic component primarily used in industrial automation, robotics, and high-precision motor control systems. Specifically, it is a high-performance **Magnetic Encoder System** or an interpolator module designed to convert analog magnetic signals into digital feedback. --- ### 1. Component Overview The M2CEC series is typically associated with high-resolution position feedback. It bridges the gap between raw magnetic sensors and a controller (PLC or CNC). | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Incremental Encoder Interpolator | | **Output Signal** | RS422 (Differential Line Driver) | | **Resolution** | Up to 10,000+ pulses per revolution (model dependent) | | **Input** | Sine/Cosine (1 Vpp) signals | | **Operating Voltage** | 5V DC ±5% | | **Connector Type** | Industrial M12 or Molex (R2 Revision specific) | --- ### 2. Key Electronic Characteristics #### A. Signal Processing The "CEC" designation often refers to the **Clocked Encoder Conversion**. The device takes analog sine/cosine waves generated by a magnetic scale or ring and "interpolates" them. This means it mathematically divides the analog wave into many digital increments to achieve high precision without requiring an extremely fine physical scale. #### B. The "R2" Revision Enhancements The **R2** suffix indicates a hardware revision that usually addresses: * **Improved EMI Shielding:** Better resistance to electrical noise from nearby high-voltage motor cables. * **Thermal Stability:** Upgraded internal resistors and capacitors to reduce signal drift during temperature fluctuations. * **Faster Sampling:** Higher frequency response compared to the original R1 version, allowing for higher RPMs. --- ### 3. Pinout and Connectivity (Standard Industrial Logic) While specific wiring can vary by manufacturer, these modules generally follow a standard 8-pin or 10-pin differential output logic: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | +5V Power Supply | | **Black** | GND | 0V / Ground | | **Brown / White** | A / A-not | Incremental Channel A (Quadrature) | | **Green / Yellow** | B / B-not | Incremental Channel B (90° Offset) | | **Orange / Blue** | Z / Z-not | Index/Reference Pulse (Once per rev) | | **Shield** | Case | Earth Ground / EMI Protection | --- ### 4. Common Applications * **CNC Machining:** Providing precise axis position feedback. * **Robotic Arms:** Tracking joint angles in harsh environments where optical encoders might fail due to dust or oil. * **AGVs (Automated Guided Vehicles):** Measuring wheel speed and steering angle. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum frequency response of the M2CEC-21502-R2?
    • ⤷ How does this encoder compare to an optical encoder in terms of durability?
    • ⤷ Which magnetic scales or rings are compatible with this specific interpolator?