전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-215F-R/Q

  • AI
    The **M2CEC-215F-R/Q** refers to a high-performance Industrial Panel PC, typically manufactured by Maxtang. This device is designed for industrial automation, human-machine interface (HMI), and IoT gateway applications. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Core Processing Unit At the heart of the M2CEC-215F is an embedded processor designed for reliability and low power consumption. | Component | Specification Details | | :--- | :--- | | **CPU Options** | Intel® Celeron® J6412 (Elkhart Lake) or similar low-power SoC. | | **Architecture** | Quad-core, fanless design for silent and durable operation. | | **TDP** | Typically 10W, allowing for operation in enclosed spaces without overheating. | --- ### 2. Display and Touch Interface The "-215F" suffix indicates a **21.5-inch Full HD** display. The "R/Q" suffix usually denotes the specific touch technology or regional SKU. * **Panel Type:** LED Backlight, 1920 x 1080 resolution. * **Touch Controller:** * **Projected Capacitive (PCAP):** Multi-touch support, usually covered with chemically strengthened glass. * **Resistive (Optional):** Used in environments where operators wear heavy gloves. * **Brightness:** Standard 250–350 nits (High-brightness versions available for sunlight readability). --- ### 3. Connectivity and I/O Interface The motherboard integrated into the chassis provides a variety of industrial-grade ports: | Interface Type | Quantity/Standard | Purpose | | :--- | :--- | :--- | | **Ethernet** | 2x RJ45 (Intel i211/i210) | Dual Gigabit LAN for network redundancy. | | **Serial Ports** | 2x to 4x COM (RS232/422/485) | Connecting to PLCs and legacy sensors. | | **USB** | 4x USB 3.0 / 2.0 | High-speed data transfer and peripherals. | | **Video Out** | 1x HDMI / DP | Supporting secondary independent displays. | --- ### 4. Memory and Storage * **RAM:** 1x DDR4 SO-DIMM slot, supporting up to 32GB 3200MHz. * **Storage:** * 1x M.2 (2242/2280) SATA/NVMe slot. * 1x 2.5" SATA III HDD/SSD bay for high-capacity storage. --- ### 5. Electrical Power & Environmental The internal power circuitry is designed to handle the "dirty" power often found in industrial settings. * **Power Input:** Wide range DC input (typically 12V to 24V DC). * **Protection:** Over-voltage and over-current protection. * **Construction:** Aluminum alloy heat-sink chassis (Fanless) and IP65-rated front bezel for water and dust resistance. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes for this specific model?
    • ⤷ Does this model support Windows 11 and Linux distributions?
    • ⤷ Is the 21.5-inch screen sunlight-readable?