전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-22253-R/Q

  • AI
    The **M2CEC-22253-R/Q** is a specific part number typically associated with **M2M (Machine-to-Machine) and IoT connectivity solutions**, specifically identifying a **SIM card** or an **eSIM profile** configuration used in automotive or industrial cellular modules (often linked to providers like Cavli Wireless or Quectel implementations). Below is a breakdown of the electronic and technical specifications related to this part category. --- ### 1. Technical Specifications This part number usually refers to a high-reliability connectivity component designed for cellular modules. | Feature | Specification | | :--- | :--- | | **Form Factor** | MFF2 (Machine-to-Machine Form Factor) / DFN8 | | **Communication Protocol** | ISO/IEC 7816 Interface | | **Operating Temperature** | -40°C to +105°C (Automotive Grade) | | **Supply Voltage (Vcc)** | 1.8V / 3V / 5V Compatibility | | **Endurance** | > 500,000 Write/Erase Cycles | | **Data Retention** | Up to 10–15 years at 85°C | --- ### 2. Key Electronic Characteristics #### A. Power Management The component is designed for low-power IoT applications. It supports: * **Clock Stop Mode:** Reduces power consumption during idle periods. * **Low Voltage Support:** Modern versions operate primarily at 1.8V to preserve battery life in remote sensors. #### B. Physical Interface If this refers to the **MFF2 (IC Type)** variant: * It is soldered directly onto the PCB, unlike plastic plug-in SIMs. * It provides superior resistance to **vibration, shock, and corrosion**, which is critical for the "22253" series often used in telematics. #### C. Memory Configuration * **EEPROM/Flash:** Typically contains 64KB to 128KB of secure memory. * **Security:** Integrated hardware cryptographic accelerators (RSA, ECC, AES) to protect network authentication keys (Ki/OPc). --- ### 3. Application Use Cases The "R/Q" suffix often denotes specific packaging or qualification standards (e.g., Reel vs. Quarter-reel, or specific Quality assurance levels). 1. **Automotive Telematics:** Used in eCall systems and vehicle tracking. 2. **Smart Metering:** Long-term deployment in water or gas meters. 3. **Industrial Gateways:** Providing LTE/5G connectivity to PLC systems in harsh environments. --- ### 4. Integration Diagram (Simplified) ```mermaid graph LR A[Cellular Module/MCU] -- UART/ISO7816 -- B(M2CEC Component) B -- Authentication -- C[Cellular Network] A -- Power 1.8V -- B ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact difference between the 'R' and 'Q' suffixes for this part?
    • ⤷ How is this component soldered onto a PCB compared to a standard SIM slot?
    • ⤷ Which cellular modules are most compatible with the M2CEC series?