전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-23001-R2

  • AI
    The **M2CEC-23001-R2** is a high-performance **Carrier Board** (also referred to as an Adapter or Interface board) specifically designed for the **NVIDIA Jetson AGX Orin** and **AGX Xavier** Series modules. It is engineered for industrial and edge AI computing applications. Below is a breakdown of the electronic components and technical specifications. --- ### 1. Core Technical Specifications | Feature | Details | | :--- | :--- | | **Module Compatibility** | NVIDIA Jetson AGX Orin / AGX Xavier | | **Input Voltage** | 9V to 36V DC (Wide Range) | | **Storage Expansion** | M.2 Key M (PCIe x4 Gen4) for NVMe SSD | | **Connectivity** | M.2 Key E (USB 2.0/PCIe) for Wi-Fi/BT | | **Networking** | Dual 10GbE or 1GbE options (model dependent) | | **Form Factor** | Compact Industrial Design | --- ### 2. Key Electronic Interfaces The board acts as a bridge between the high-density Jetson module connector and standard peripheral ports: #### A. Power Management System * **Wide Input Voltage:** Equipped with industrial-grade buck-boost converters to handle 9-36V DC, making it suitable for vehicle and robotic power systems. * **Protective Circuitry:** Includes TVS diodes and over-current protection to shield the expensive Jetson module from power surges. #### B. High-Speed I/O (M.2 Slots) * **M.2 Key M 2280:** Utilizes PCIe Gen4 x4 lanes. This is critical for high-speed data logging in AI applications where sensor data must be written to an SSD at high bandwidth. * **M.2 Key E 2230:** Provides the physical and electronic interface for wireless modules. #### C. Video and Display * **HDMI 2.0 / DP:** Level shifters and ESD protection circuits are integrated to provide stable video output up to 4K resolution. * **MIPI CSI-2:** Typically supports multi-lane camera inputs through high-density FPC connectors for computer vision tasks. #### D. Communication Ports * **CAN Bus:** Integrated transceiver circuits for automotive and industrial robotic communication. * **UART/I2C/GPIO:** Level-shifted headers for interfacing with microcontrollers (like Arduino/STM32) and sensors. --- ### 3. Physical Layout and Thermal Design * **PCB Material:** High-TG FR4 material to withstand high operating temperatures. * **Thermal Interfacing:** The board design allows for a dedicated heat sink or active cooling fan to be mounted directly over the Jetson module, with 4-pin PWM fan headers integrated onto the carrier board. --- ### 4. Typical Applications 1. **Autonomous Mobile Robots (AMR):** Using the CAN bus for motor control and NVMe for SLAM mapping. 2. **Edge AI Gateways:** Utilizing the 10GbE ports for high-speed camera stream processing. 3. **Smart City Infrastructure:** Deploying deep learning models in outdoor environments due to the wide temperature/voltage support.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2CEC-23001-R2 when using an AGX Orin 64GB module?
    • ⤷ Does this carrier board support PoE (Power over Ethernet) functionality?
    • ⤷ Which MIPI CSI-2 camera sensors are natively compatible with this board's pinout?