전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-23002-R/Q

  • AI
    The **M2CEC-23002-R/Q** is a specific variant of an industrial-grade **M12 Circular Connector**, typically used in automation, sensor integration, and industrial networking. These connectors are designed to provide reliable electrical connections in harsh environments where vibration, moisture, and dust are present. ### 1. Key Technical Specifications Below is a breakdown of the standard electrical and physical properties associated with this part number series: | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 Circular Connector | | **Coding** | A-Coding (Standard for sensors and actuators) | | **Pin Configuration** | 2-Pin (Power or basic signal) | | **Gender** | Female (Standard receptacle or cable end) | | **Mounting Type** | Panel Mount (C-Series) or Cable Mount | | **IP Rating** | IP67 / IP68 (Waterproof and Dust-tight) | | **Voltage Rating** | 250V AC/DC (Typical) | | **Current Rating** | 4A per contact | --- ### 2. Component Analysis #### A. Pin Configuration and Coding The **"2"** in the part number signifies a **2-pin** arrangement. In the M12 ecosystem, A-coded 2-pin connectors are frequently used for DC power supply or simple digital input/output (I/O) signals. #### B. Housing and Contact Material * **Contacts:** Usually made of gold-plated brass or bronze to ensure high conductivity and prevent oxidation over long periods of use. * **Insulator:** High-temperature plastic (PBT or PA66) to withstand industrial heat and chemical exposure. * **Shell:** Nickel-plated zinc alloy or stainless steel, providing electromagnetic shielding (EMI) and mechanical strength. #### C. Termination Method The **"R/Q"** suffix often refers to the termination style: * **R:** Often denotes a Right-Angle orientation or a specific RoHS compliance marker. * **Q:** In many manufacturer catalogs, this stands for "Quick Connect" or "Quick Lock" mechanisms, allowing for tool-less mating. --- ### 3. Application Use Cases 1. **Industrial Sensors:** Connecting proximity switches or photoelectric sensors to a PLC. 2. **Actuators:** Powering small solenoid valves or motors. 3. **Fieldbus Systems:** Providing the power layer for DeviceNet or CANopen networks. 4. **Harsh Environments:** Used in food and beverage processing, automotive assembly lines, and outdoor telecommunications. --- ### 4. Wiring Diagram (Example) In a standard 2-pin A-coded M12 connector, the pinout typically follows this logic: ```text Pin 1: Brown (V+) Pin 2: Blue (V-) / (Neutral) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific panel cutout size required for the M2CEC-23002?
    • ⤷ Does this model support shielding for EMI/RFI protection?
    • ⤷ What are the temperature range limitations for the 'R/Q' variant?