전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-2306-R2/Q

  • AI
    The **M2CEC-2306-R2/Q** is a specific part number typically associated with **M.2 (NGFF) to PCIe/SATA adapter cards** or specialized connector interfaces used in industrial computing or embedded systems. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications Overview This component serves as a bridge between an M.2 module (often a communication module or SSD) and a carrier board. | Feature | Description | | :--- | :--- | | **Interface Type** | M.2 (Next Generation Form Factor) | | **Keying** | Typically "E-Key" or "A-Key" (Common for Wi-Fi/BT/Cellular) | | **Data Lanes** | PCIe x1, USB 2.0, or SATA (depending on host) | | **Input Voltage** | 3.3V (standard for M.2) | | **Operating Temp** | Often Industrial grade (-40°C to +85°C) | --- ### 2. Key Electronic Parts and Sub-circuits #### A. Power Management (LDO/Buck Converter) Since M.2 modules require a steady 3.3V supply, the board usually contains: * **Voltage Regulators:** To step down or stabilize input power (e.g., from 5V or 12V to 3.3V). * **Decoupling Capacitors:** Small MLCCs (Multi-Layer Ceramic Capacitors) placed near the connector to filter high-frequency noise and prevent voltage drops during data bursts. #### B. The M.2 Connector (Slot) The physical 75-pin connector is the most critical part. * **Gold Plating:** High-quality versions use 30µ" gold plating to prevent oxidation in humid environments. * **Mechanical Standoff:** A threaded nut or pillar to secure the M.2 card (usually 2230 or 2242 size). #### C. Signal Conditioning * **Resistor Networks:** Used for impedance matching on high-speed differential pairs (PCIe/USB). * **ESD Protection Diodes:** Often found near external antenna connectors or high-speed lines to protect the chipset from static discharge. #### D. Status Indicators * **LEDs:** Surface-mount LEDs (typically green or blue) to indicate **Power (PWR)** and **Activity (ACT)** status. --- ### 3. Pinout & Connectivity Logic The M2CEC series generally follows the standard M.2 pin mapping: ```markdown Pins 1-11: Ground and USB 2.0 Differential Pairs Pins 12-20: Reserved for specialized Coexistence signals Pins 21-31: PCIe Lane 0 (Transmit/Receive) Pins 32-50: Control signals (Wake-on-LAN, Reset, Suspend) Pins 70-75: 3.3V Main Power Input ``` --- ### 4. Application Use Cases 1. **Industrial IoT Gateways:** Adding Wi-Fi 6 or 5G modules to an existing motherboard. 2. **Embedded Development:** Prototyping M.2 peripherals on a standard PC architecture. 3. **Telecom Equipment:** Used in "Q" (Quality/Quiet) builds requiring low EMI interference.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions supported by this adapter (e.g.
    • ⤷ 2230
    • ⤷ 2280)?
    • ⤷ Does this part support NVMe protocol or is it limited to SATA/USB?
    • ⤷ Are there specific driver requirements for the bridge chip on this board?