전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-2350F-R

  • AI
    The **M2CEC-2350F-R** is a specialized electronic component commonly used in industrial computing and embedded systems. It is primarily an **M.2 to Dual CANBus module**, designed to expand the connectivity of a motherboard or single-board computer (SBC) through an M.2 slot. Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 B-M Key (2242) | | **Interface** | USB 2.0 (via M.2 interface) | | **Controller** | High-performance CAN Controller | | **Protocol** | CAN 2.0A / 2.0B compliant | | **Channels** | Dual Isolated CANBus ports | | **Baud Rate** | 5 Kbps to 1 Mbps | | **Isolation** | 2.5kV Isolation Protection | --- ### 2. Core Electronic Components & Functions #### A. The CAN Controller The heart of the module is a logic controller that translates data between the host system (via USB signals on the M.2 pins) and the CAN network. It handles message filtering, error detection, and frame management. #### B. Galvanic Isolation To protect the host computer from high-voltage spikes or ground loops common in industrial environments, the M2CEC-2350F-R features **2.5kV isolation**. This is achieved using: * **Optocouplers/Digital Isolators:** To separate the logic side from the bus side. * **Isolated DC-DC Converters:** To provide power to the CAN transceivers without a direct electrical path to the motherboard. #### C. Transceivers The module includes physical layer transceivers that convert the digital logic signals from the controller into the differential voltages used on the CAN_H and CAN_L lines. #### D. Termination Resistors The board typically includes onboard 120Ω termination resistors. In many professional versions, these can be enabled or disabled via physical jumpers or software to ensure signal integrity at the ends of the bus. --- ### 3. Pinout & Connectivity The module outputs the CAN signals through specialized headers (often 10-pin or 20-pin small pitch connectors) which then break out to standard DB9 connectors. | Signal Name | Description | | :--- | :--- | | **CAN_H** | High-level CAN bus line | | **CAN_L** | Low-level CAN bus line | | **GND** | Isolated Ground reference | | **Shield** | Electromagnetic Interference (EMI) protection | --- ### 4. Typical Applications * **Automotive Testing:** Interfacing with vehicle ECUs. * **Industrial Automation:** Connecting to PLCs or motor drives using the CANopen or DeviceNet protocols. * **Robotics:** Managing communication between sensors and actuators in mobile robot platforms. ---
    ✨ Follow-up Questions
    • ⤷ Does this module require specific drivers for Windows and Linux environments?
    • ⤷ What is the difference between CAN 2.0B and CAN FD in the context of M.2 modules?
    • ⤷ How is the 2.5kV isolation physically implemented on such a small M.2 PCB?