전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-25003-R

  • AI
    The **M2CEC-25003-R** is a specific electronic component typically categorized as a **high-precision current sensing resistor** or a specialized **shunt resistor**. These parts are critical in power management systems where monitoring current flow with high accuracy and low thermal drift is required. --- ### 1. Key Technical Specifications While exact specifications can vary by manufacturer (often associated with brands like Isabellenhütte or specialized industrial suppliers), the part number breakdown generally implies the following characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 25 mΩ (Milliohms) | | **Tolerance** | ±0.5% to ±1.0% | | **Power Rating** | 2W to 5W (Depending on mounting) | | **Technology** | Metal Element / Electron-beam welded | | **Temperature Coefficient** | < 20 ppm/K (Very stable across heat ranges) | --- ### 2. Internal Electronic Construction The "CEC" in the part number often refers to the construction style: * **Metal Plate Element:** Unlike standard ceramic resistors, this uses a solid metal alloy (such as Manganin or Aluchrom) as the resistive element. * **Four-Terminal (Kelvin) Connection:** These parts often utilize a 4-terminal design. Two terminals carry the high current, while two separate "sense" terminals measure the voltage drop. This eliminates errors caused by lead resistance. * **Thermal Management:** The base is designed for high thermal conductivity to dissipate heat generated by high current flow into the PCB copper planes. --- ### 3. Application Areas These parts are integrated into circuits where precise current measurement is vital for safety or efficiency: 1. **Battery Management Systems (BMS):** Measuring charge/discharge rates in electric vehicles or power tools. 2. **Motor Control:** Feedback loops for industrial robotic arms or CNC machines. 3. **DC/DC Converters:** Monitoring output current to prevent over-current conditions. 4. **Smart Meters:** Measuring household or industrial electricity consumption. --- ### 4. Circuit Implementation Example In a standard application, the resistor is placed in series with the load. The voltage drop ($V$) across the resistor is measured by an Analog-to-Digital Converter (ADC) or an Op-Amp. ```c // Example calculation for a 25mOhm Shunt float resistance = 0.025; // 25 milliohms float voltage_drop = read_adc_voltage(); float current = voltage_drop / resistance; // I = V / R ```
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using a 4-terminal Kelvin connection in this resistor?
    • ⤷ How does the temperature coefficient (TCR) affect the accuracy of the M2CEC-25003-R?
    • ⤷ Can this part be used in high-voltage automotive applications?