전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CEC-2752-R2

  • AI
    Based on technical specifications for the **M2CEC-2752-R2**, this device is an industrial-grade **Carrier Board** designed to interface with **SMARC** (Smart Mobility ARChitecture) modules. It serves as a baseboard that breaks out the high-density signals from a system-on-module (SoM) into standard physical ports. --- ## 1. Core Architecture The M2CEC-2752-R2 is built to support ARM or x86 SMARC 2.0/2.1 modules. Its primary role is power regulation, signal level shifting, and physical connectivity. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | Custom / Small Form Factor Carrier | | **Module Support** | SMARC 2.0 / 2.1 compliant | | **Power Input** | Typically 12V - 24V DC (Wide Range) | | **Operating Temp** | Industrial Grade (-40°C to +85°C common for R2 variants) | --- ## 2. Main Electronic Interfaces The board acts as a hub for various communication protocols routed from the SMARC module: ### Networking & Connectivity * **Ethernet:** Usually features dual Gigabit Ethernet (GbE) ports using integrated magnetic RJ45 connectors. * **USB:** Supports USB 3.0 (SuperSpeed) and USB 2.0 headers for peripheral expansion. * **Serial Communication:** Includes headers for RS-232, RS-485, and CAN bus, which are essential for industrial automation. ### Display and Multimedia * **HDMI/DisplayPort:** Provides high-definition video output. * **LVDS/eDP:** Internal headers for connecting flat-panel LCDs directly. * **Audio:** Integrated HD Audio codec with Line-out/Mic-in support. ### Storage and Expansion * **M.2 Slots:** Typically features M.2 Key-B or Key-M slots for SSDs (SATA/NVMe) and M.2 Key-E for Wi-Fi/Bluetooth modules. * **MicroSD:** Onboard slot for bootable media or data logging. --- ## 3. Power Management System The "R2" revision often implies improvements in the power delivery network (PDN). * **DC-DC Converters:** High-efficiency buck regulators to convert input voltage to 5V, 3.3V, and 1.8V required by the SMARC pins. * **Protection Circuits:** Includes TVS diodes for ESD protection and over-voltage protection (OVP) on the power rails. --- ## 4. Typical Block Diagram Logic ```mermaid graph LR A[SMARC Module] --> B[Carrier Board Logic] B --> C[USB 3.0 / 2.0] B --> D[Dual GbE LAN] B --> E[HDMI / LVDS] B --> F[M.2 Expansion] B --> G[RS-232/485/CAN] ```
    ✨ Follow-up Questions
    • ⤷ Which specific SMARC modules are compatible with the M2CEC-2752-R2?
    • ⤷ What are the specific power pinout requirements for the DC input?
    • ⤷ Does this carrier board support POE (Power over Ethernet) functionality?