전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2D-24-R2

  • AI
    The **M2D-24-R2** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a **DC-to-DC Control Module** often used in industrial automation and vehicle electronics. ### 1. General Specifications The part number breakdown generally indicates the following technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC | Designed for standard industrial or heavy-duty vehicle control logic. | | **Output Type** | Relay/Switching | Uses semiconductor switching to control a load. | | **Form Factor** | Compact/Module | Usually DIN-rail mountable or PCB-integrated. | | **Revision** | R2 | Indicates the second hardware revision (improved stability or components). | --- ### 2. Core Electronic Components Inside an M2D-24-R2 module, you will typically find the following electronic parts: #### A. Opto-Isolator (Photocoupler) * **Function:** Provides electrical isolation between the control signal (24V) and the load. * **Purpose:** Protects the sensitive PLC or microcontroller from back-EMF or voltage spikes on the load side. #### B. MOSFET or IGBT Array * **Function:** The "Solid State" switching element. * **Purpose:** Unlike mechanical relays, these have no moving parts, allowing for high-speed switching and infinite cycle life without contact wear. #### C. Flyback Diode (Freewheeling Diode) * **Function:** Placed across the output. * **Purpose:** Dissipates energy when switching inductive loads (like motors or solenoids) to prevent the "kickback" voltage from destroying the internal transistors. #### D. Status LED Indicators * **Function:** Visual diagnostic tool. * **Purpose:** Usually a green or red LED that illuminates when the 24V control signal is active, allowing for quick troubleshooting in the field. --- ### 3. Key Advantages * **Silent Operation:** No clicking noise associated with mechanical armatures. * **Vibration Resistance:** Since it is solid-state, it is highly resistant to shock and vibration, making it ideal for automotive or mobile machinery. * **Fast Response Time:** Switching occurs in microseconds, far faster than the milliseconds required for a mechanical coil to energize. --- ### 4. Typical Wiring Diagram Layout ```text [Control Side] [Load Side] (+) 24V DC ----| |---- (+) External Power | [M2D] | (-) Common ----| |---- (L) Load (Motor/Lamp) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2D-24-R2 output?
    • ⤷ How does an SSR differ from an Electromechanical Relay in terms of lifespan?
    • ⤷ Is the M2D-24-R2 compatible with PWM (Pulse Width Modulation) control?