전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2MS-0-R2/Q

  • AI
    The **M2MS-0-R2/Q** is a specific part number typically associated with high-performance **M.2 (NGFF) to M.2 adapters** or interface modules, often used in specialized industrial or military computing applications. These components are designed to bridge different M.2 keys or extend the functionality of a standard motherboard slot. --- ### 1. Technical Specifications Below are the typical electronic characteristics of this class of components: | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (Next Generation Form Factor) | | **Mechanical Keying** | B+M Key (Multi-compatibility) | | **Signal Integrity** | Supports PCIe Gen 3/4 and SATA 3.0 protocols | | **Operating Temperature** | Commercial (0°C to 70°C) or Industrial (-40°C to +85°C) | | **Voltage Regulation** | Built-in 3.3V power rails with filtering capacitors | | **Materials** | High TG FR4 PCB with Gold-plated connectors (30u") | --- ### 2. Key Electronic Components The "R2/Q" designation usually points to a specific revision or a high-quality (Qualified) batch. Internally, the assembly consists of: 1. **Passive Components**: * **MLCC Capacitors**: Used for decoupling and smoothing the DC power lines to prevent signal noise during high-speed data transfers. * **Resistors**: Used for impedance matching and signal pull-up/pull-down requirements. 2. **Edge Connector**: A high-density gold-finger interface designed for low insertion loss and high durability. 3. **M.2 Socket**: A physical slot designed to accept 2230, 2242, 2260, or 2280 form factor modules. 4. **Signal Re-driver (Optional)**: Depending on the specific sub-variant, it may include a small IC to boost signal strength if the adapter extends the trace length significantly. --- ### 3. Application Use Cases The M2MS-0-R2/Q is primarily used in the following scenarios: * **Testing & Debugging**: Allowing engineers to swap M.2 cards without wearing out the original motherboard socket. * **Interface Conversion**: Converting an M.2 "B-Key" slot to accept "M-Key" devices (or vice versa) for NVMe or SATA compatibility. * **Space Management**: Offsetting the position of an SSD or Wi-Fi card to avoid physical interference with other components like heat sinks or GPUs. --- ### 4. Part Number Breakdown (General) * **M2MS**: M.2 to M.2 Signal/Socket interface. * **-0-**: Standard length/No-offset base. * **R2**: Revision 2 (indicates circuitry updates or improved signal routing). * **Q**: Quality-certified or Industrial-grade screening.
    ✨ Follow-up Questions
    • What is the maximum PCIe speed supported by this adapter?
    • Is this part compatible with both NVMe and SATA M.2 drives?
    • Are there specific power consumption limits for devices plugged into this module?