전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2MS-1-R/K

  • AI
    The **M2MS-1-R/K** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Magnetic Switch** or a **Reed Sensor**. These parts are designed to detect the presence of a magnetic field to open or close a circuit, often used in consumer electronics for "lid-close" detection or proximity sensing. --- ### Technical Specifications The following table outlines the general electronic characteristics of the M2MS series components: | Feature | Specification Details | | :--- | :--- | | **Contact Form** | Form A (Normally Open) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Switching Voltage** | Max 30V - 100V DC (Varies by load) | | **Switching Current** | Max 0.2A - 0.5A | | **Contact Resistance** | < 150 mΩ | | **Operating Temperature** | -40°C to +125°C | | **Package Style** | Molded Plastic / Ceramic (Small footprint) | --- ### Key Components and Construction The "electronic parts" within this miniature sensor include: 1. **Reed Blades:** Two ferromagnetic metal blades (usually a nickel-iron alloy) placed inside a hermetically sealed housing. 2. **Contact Coating:** The tips of the blades are often plated with Rhodium or Ruthenium to ensure low resistance and high durability over millions of cycles. 3. **Encapsulation:** The internal reed switch is protected by a molded plastic resin (the "M" in the prefix often denotes molded) which provides mechanical strength and protects the glass envelope during SMT reflow soldering. 4. **Terminals:** Lead-frame terminals (R/K variants often refer to lead bending styles like "Gull-wing" or "J-lead") designed for automated PCB assembly. --- ### Application Logic The M2MS-1-R/K functions as a passive component. It does not require power to operate; it only requires an external magnetic field. ```mermaid graph LR A[Permanent Magnet] -- Proximity --> B(M2MS Sensor) B --> C{Circuit State} C -- Magnet Present --> D[Closed/Conducting] C -- Magnet Absent --> E[Open/Insulated] ``` ### Common Uses * **Mobile Devices:** Detecting if a flip-cover is closed to turn off the screen. * **Laptops:** Detecting when the lid is shut to trigger sleep mode. * **Industrial:** Non-contact limit switching in tight spaces where mechanical switches would fail. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and K suffixes in this part number?
    • ⤷ What is the typical magnetic sensitivity (AT rating) for the M2MS series?
    • ⤷ Can this sensor be used in AC voltage applications?