전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2MS-F-R/CE

  • AI
    The **M2MS-F-R/CE** is a specialized electronic component typically associated with industrial automation and signal isolation. It is a **plug-in type ultra-slim signal conditioner (isolator)** manufactured by M-System (now a part of MG CO., LTD). ### 1. Technical Specifications The part number breaks down into specific technical attributes: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2MS** | Model Series | M2-System Mini-M Series (Ultra-slim signal conditioner) | | **-F** | Input Type | 4 – 20 mA DC | | **-R** | Output Type | 4 – 20 mA DC | | **-CE** | Certification | CE Marking compliance (European Standards) | --- ### 2. Key Electronic Components & Internal Logic This device acts as a bridge between a field sensor and a control system (like a PLC). #### A. Isolation Barrier * **Function:** It provides 3-way isolation between the **Input**, **Output**, and **Power Supply**. * **Electronics:** Uses high-speed optocouplers or transformer-based coupling to prevent ground loops and protect sensitive equipment from high-voltage surges. #### B. Signal Conversion Circuitry * **Precision Resistors:** High-stability metal film resistors are used to convert the input current (4-20mA) into a proportional voltage for internal processing. * **Operational Amplifiers (Op-Amps):** Low-drift, high-precision amplifiers ensure that the signal linearity is maintained with minimal error (typically $\pm0.1\%$). #### C. Power Management * **DC/DC Converter:** An internal switching regulator converts the supply voltage (typically 24V DC) into isolated power rails for the input and output stages. --- ### 3. Physical & Installation Features * **Housing:** Ultra-slim profile (approximately 5.9mm or 12.5mm depending on the specific sub-generation) to save DIN rail space. * **Connection:** Uses a base socket system. The electronic module can be replaced without disconnecting the wiring from the base (Plug-in design). * **Indicators:** Usually features a front-facing LED to indicate power status or error conditions. --- ### 4. Application Use Case The **M2MS-F-R/CE** is used when a 4-20mA signal from a field transmitter needs to be mirrored to a PLC, but the two systems have different ground potentials. Without this part, a "ground loop" could occur, causing signal noise or hardware damage.
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements for the M2MS series?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What is the typical response time for this model?