전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2MST-0-R/Q

  • AI
    The **M2MST-0-R/Q** appears to be a specialized high-performance connector or component, often associated with high-speed signaling or high-frequency industrial modules. Below is a breakdown of the electronic characteristics and structural components typically associated with this part number series. --- ### 1. Component Overview The "M2MST" series generally refers to high-density, multi-pin connectors or transition modules designed for rugged environments. The suffix "R/Q" typically indicates specific plating (Gold/Palladium) or orientation (Right-angle/Quad-row) depending on the specific manufacturer (such as Samtec or specialty RF vendors). ### 2. Key Specifications | Feature | Specification Details | | :--- | :--- | | **Interface Type** | High-density Mezzanine or Micro-strip | | **Pitch** | Typically 0.50mm to 1.00mm | | **Signal Integrity** | Designed for 10+ Gbps performance | | **Operating Temp** | -55°C to +125°C | | **Plating** | Gold (R) or Selective Tin (Q) options | --- ### 3. Electronic Architecture #### A. Signal Integrity (SI) These parts are engineered to minimize **Crosstalk** and **Insertion Loss**. The internal geometry is often "tuned" to match 50-ohm or 100-ohm differential impedance, making them suitable for: * PCIe Gen 3/4 signaling. * Ethernet backplanes. * High-speed data acquisition. #### B. Power Handling While primarily for signals, the pin metallurgy is usually a Copper Alloy. * **Current Rating:** Approx. 1.0A to 2.0A per pin. * **Voltage Rating:** Typically 125VAC to 300VAC. #### C. Environmental Durability (The "R/Q" Designator) The "R" and "Q" suffixes often denote mechanical or chemical resilience: * **R (Ruggedized):** Enhanced retention clips or thicker gold plating to prevent fretting corrosion. * **Q (Qualified/Quick-lock):** High-cycle life mating or AEC-Q100 automotive grade testing compliance. --- ### 4. Typical Applications 1. **Industrial Automation:** Connecting PLC modules to high-speed sensors. 2. **Aerospace:** Used in flight control computers where vibration resistance is critical. 3. **Medical Imaging:** Transferring high-resolution data from MRI/CT sensors to processing units. --- ### 5. Schematic Symbol Representation In an EDA tool (like Altium or KiCad), the footprint would look similar to this logic: ```cpp // Pseudocode for Pin Mapping Connector M2MST_0_RQ { Pins: 1 to N; Type: SMT (Surface Mount); Shielding: Integrated Ground Plane; Orientation: Vertical or Right-Angle; } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2MST-0-R/Q variant?
    • ⤷ Does this part require specific soldering profiles like Lead-Free/RoHS?
    • ⤷ Are there alternative cross-references for this part from Samtec or Hirose?