전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2MST-4-R

  • AI
    The **M2MST-4-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Test Point**. These parts are essential in PCB (Printed Circuit Board) design for testing, debugging, and quality control. Below is a detailed breakdown of its specifications and functions. ### 1. General Overview The M2MST-4-R is designed to be soldered onto a PCB to provide a reliable mechanical attachment point for test probes, oscilloscope clips, or multimeter leads. | Feature | Description | | :--- | :--- | | **Component Type** | Surface Mount Test Point | | **Mounting Style** | Surface Mount (SMT) | | **Material** | Usually Phosphor Bronze or Copper Alloy | | **Plating** | Typically Tin or Silver (the "-R" often denotes RoHS compliance) | | **Packaging** | Tape and Reel (for automated pick-and-place machines) | --- ### 2. Key Technical Specifications While specific dimensions can vary slightly by manufacturer (often associated with brands like *Components Corporation* or *Keystone Electronics*), the "4" typically refers to a specific size profile. * **Current Rating:** Generally rated for **2.0A to 3.0A** depending on the trace width of the PCB. * **Mechanical Strength:** Designed to withstand repeated clipping/unclipping without lifting the solder pad. * **Low Profile:** The "MST" series is known for being miniature and low-profile to save vertical space in tight enclosures. --- ### 3. Applications in Electronics These parts are used during different stages of the product lifecycle: 1. **Production Testing:** Used with automated test equipment (ATE) or "bed of nails" fixtures. 2. **Field Repair:** Provides a clear, labeled location for technicians to check voltages or signals. 3. **Prototyping:** Allows engineers to solder temporary jumper wires to specific nodes on the board without damaging other components. --- ### 4. PCB Design Considerations When using the M2MST-4-R in a CAD program (like Altium, KiCad, or Eagle), consider the following: * **Solder Pad Size:** Ensure the land pattern is slightly larger than the component base to provide a strong solder fillet. * **Clearance:** Keep the test point away from tall components to allow enough room for the alligator clip or probe head to attach. * **Silkscreen Labeling:** Always label the test point (e.g., `TP1`, `GND`, `+5V`) on the board's silkscreen for easy identification. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended solder pad dimensions for the M2MST-4-R?
    • ⤷ Can this component be used for high-frequency signal probing?
    • ⤷ What is the difference between the M2MST-4-R and standard through-hole test points?