전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2MST-4W-R/N

  • AI
    The **M2MST-4W-R/N** belongs to the **M2MST** series of electronic signal conditioners/transmitters, typically manufactured by **M-System**. These devices are designed to interface between industrial sensors and control systems (like PLCs or DCS). --- ## 1. Technical Specifications Overview This specific model is a **Potentiometer Transmitter**. It measures the position of a potentiometer (resistor) and converts it into a standardized industrial DC signal. | Feature | Specification Details | | :--- | :--- | | **Model Type** | Potentiometer Transmitter (M2MST) | | **Input Signal** | Potentiometer (Total resistance: $100\Omega$ to $10k\Omega$) | | **Output Signal** | 4 to 20 mA DC (Standard current loop) | | **Power Input (R)** | 24V DC | | **Connection (N)** | Screw terminal connection (Non-socket type) | | **Isolation** | 3-Way Isolation (Input to Output to Power) | --- ## 2. Key Electronic Components & Functions ### A. Input Stage (Potentiometer Interface) The device applies a stable reference voltage across the two ends of the external potentiometer. The "wiper" position determines the voltage ratio, which the M2MST reads. * **Burnout Protection:** The "4W" designation often implies the device is configured to handle specific wiring or failsafe modes if the potentiometer wire breaks. ### B. Signal Conditioning & Isolation * **Isolation Transformer:** The "3-way isolation" (2000V AC) ensures that electrical noise or ground loops at the sensor side do not damage the PLC or the power supply. * **Zero/Span Adjustments:** Located on the front panel, these allow manual calibration to ensure $0\%$ position equals 4mA and $100\%$ position equals 20mA. ### C. Output Stage * **Current Driver:** Converts the processed signal into a constant current (4-20mA). This is preferred for long-distance transmission as it is immune to voltage drops over long wires. --- ## 3. Part Number Breakdown (M2MST-4W-R/N) | Code | Meaning | | :--- | :--- | | **M2MST** | Series Name: Potentiometer Transmitter | | **4W** | Output Code: 4 to 20 mA DC | | **R** | Power Supply: 24V DC (Operational range 24V $\pm$ 10%) | | **N** | Standards/Options: Typically denotes no special agency approvals (like CE) or specific terminal types. | --- ## 4. Typical Wiring Diagram Logic To function, the device requires: 1. **Terminals 1, 2, 3:** Connection to the external Potentiometer (High, Wiper, Low). 2. **Terminals 4, 5:** Output 4-20mA signal to the controller. 3. **Terminals 6, 7:** 24V DC Power supply input. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum resistance range supported by the M2MST series?
    • ⤷ How do you calibrate the Zero and Span on this specific transmitter?
    • ⤷ What are the benefits of the 3-way isolation in this electronic part?