전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2MST-A-R2

  • AI
    The **M2MST-A-R2** is a high-performance, industrial-grade **M.2 to Dual RS232/422/485 Serial Module**. It is designed to expand the connectivity of industrial PCs, embedded systems, and IoT gateways using an M.2 (B+M Key) slot. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (B+M Key) | | **Interface** | PCIe 2.0 x1 (Backplane) | | **Serial Ports** | 2 x RS-232 / 422 / 485 | | **Baud Rate** | 50 bps to 921.6 Kbps | | **FIFO** | 256-byte Hardware FIFO | | **Isolation** | Optional Optical Isolation (model dependent) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Components & Architecture The module functions as a bridge between the high-speed PCIe bus and legacy serial protocols. #### A. The Bridge Controller The heart of the module is typically an **Exar (MaxLinear) or XR17V352** series PCIe UART controller. * **Function:** It manages the conversion of PCIe data packets into asynchronous serial data. * **Features:** It includes automatic hardware/software flow control and fractional baud rate generators to ensure precise timing. #### B. Multi-Protocol Transceivers To support RS232, RS422, and RS485 on the same pins, the board utilizes integrated transceivers (such as the **SP336** or similar). * **RS-232 Mode:** Uses charge pumps to create positive and negative voltage levels. * **RS-422/485 Mode:** Uses differential signaling to provide high noise immunity over long distances. #### C. Power Management & Protection * **Voltage Regulation:** Converts the 3.3V supplied by the M.2 slot to the internal voltages required by the UART and transceivers. * **ESD Protection:** Most R2 (Revision 2) units include **15KV ESD protection** for all serial signals to prevent damage from static electricity or surges in industrial environments. --- ### 3. Pinout & Connectivity The module usually connects to external DB9 connectors via a small ribbon cable (wafer to DB9). | Protocol | Signal Components | | :--- | :--- | | **RS-232** | TXD, RXD, RTS, CTS, DTR, DSR, DCD, RI, GND | | **RS-422** | TX+, TX-, RX+, RX-, GND | | **RS-485 (2-wire)** | Data+, Data-, GND | --- ### 4. Implementation Code (Configuration Example) In Linux environments, these ports are recognized as standard `ttyS` devices. You can verify and configure the electronic state using `setserial`: ```bash # Check the status of the first port setserial -a /dev/ttyS4 # Set the port to low latency mode for industrial sensors setserial /dev/ttyS4 low_latency ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the B-key and M-key compatibility for this module?
    • ⤷ Does this specific model support 2-wire RS-485 auto-direction control?
    • ⤷ What are the power consumption requirements for the M2MST-A-R2?