전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PA-11-R/N

  • AI
    The **M2PA-11-R/N** is a specific model of an **Industrial Power Relay**, typically associated with Omron or similar industrial automation manufacturers. These devices are used for switching high-power loads using a low-power control signal. --- ### 1. Technical Specifications Below are the typical electronic characteristics of this component class: | Feature | Specification | | :--- | :--- | | **Contact Form** | DPDT (2 Form C) | | **Contact Material** | Silver Alloy (Ag) | | **Rated Load (Resistive)** | 5A to 10A at 250VAC / 30VDC | | **Maximum Switching Voltage** | 250 VAC / 125 VDC | | **Termination Style** | Plug-in / Solder Terminals | | **Mounting Type** | Socket Mount or Panel Mount | --- ### 2. Internal Components & Operation The M2PA-11-R/N functions through several key electronic and mechanical parts: * **Electromagnetic Coil:** When voltage is applied to the coil terminals, it creates a magnetic field. * **Armature:** A moving lever attracted by the coil's magnetic field. It physically shifts the contact positions. * **Contacts (DPDT):** * **Double Pole:** It controls two separate circuits. * **Double Throw:** Each pole has a "Normally Open" (NO) and "Normally Closed" (NC) contact. * **Mechanical Indicator:** Often features a small window or flag to show if the relay is energized. * **Surge Suppression (Suffix dependent):** Some versions include a built-in diode (for DC) or varistor (for AC) to protect the driving circuit from inductive voltage spikes (Back EMF). --- ### 3. Part Number Breakdown (Nomenclature) Industrial relays follow a specific naming convention: 1. **M2PA:** Series designation (typically indicating a specific body size and mounting style). 2. **11:** Refers to the contact arrangement (DPDT / 2-Pole). 3. **R:** Indicates a "Power" or "General Purpose" rating, often with specialized contact materials for high inrush currents. 4. **N:** Usually signifies a **LED Indicator** is built into the relay to show power status. --- ### 4. Applications * **Motor Control:** Small single-phase motor switching. * **PLC Outputs:** Interfacing low-voltage PLC signals with high-voltage actuators. * **Lighting Systems:** Controlling large banks of industrial lighting. * **Safety Interlocks:** Used in control panels to isolate logic circuits from power circuits.
    ✨ Follow-up Questions
    • ⤷What is the coil voltage required for the M2PA-11-R/N?
    • ⤷ Which socket base is compatible with this relay?
    • ⤷ Does this model include a manual test button?