전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PA-11-R2/UL

  • AI
    The **M2PA-11-R2/UL** is a specific model of an industrial **Plug-in Power Relay** manufactured by manufacturers like **IDEC** (or similar industrial control brands). It is designed for switching electrical loads in automation and control systems. --- ### 1. General Specifications This relay is characterized by its high switching capacity and reliability in a compact "Ice Cube" style form factor. | Feature | Specification | | :--- | :--- | | **Model** | M2PA-11-R2/UL | | **Contact Form** | DPDT (2 Form C) | | **Coil Voltage** | Typically 110/120V AC (Standard for R2 suffix) | | **Contact Rating** | 10A @ 250V AC / 30V DC | | **Mounting Style** | Plug-in (typically fits an 8-pin round socket) | | **Safety Approvals** | UL Listed, CSA, CE | --- ### 2. Electronic Components & Internal Design The M2PA series consists of several key electronic and mechanical parts that allow it to function as an isolated switch: #### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field. * **Details:** When power is applied to the coil terminals, it pulls an internal armature to toggle the contacts. The "R2" designation often refers to the specific coil winding for AC operation. #### B. DPDT Contacts (Double Pole Double Throw) * **Composition:** Usually made of **Silver Cadmium Oxide (AgCdO)** or **Silver Tin Oxide**. * **Mechanism:** It contains two separate sets of switching circuits. Each set has a Common (COM), Normally Open (NO), and Normally Closed (NC) contact. * **Benefit:** This allows the relay to control two independent circuits simultaneously with a single signal. #### C. Built-in LED Indicator (Standard in M2PA) * **Function:** Visual diagnostic tool. * **Details:** A small LED is wired in parallel with the coil. When the coil is energized, the LED lights up, allowing technicians to verify power presence without using a multimeter. #### D. Manual Check Button / Latch * **Function:** Testing and Maintenance. * **Details:** Many models in this series include a small lever or button that allows a technician to manually flip the contacts to test the downstream circuit without energizing the coil. --- ### 3. Pin Configuration (Typical 8-Pin Base) The device typically uses a circular (octal) 8-pin layout: 1. **Pins 2 & 7:** Coil Connections. 2. **Pins 1 & 8:** Common (COM) contacts for the two poles. 3. **Pins 3 & 6:** Normally Open (NO) contacts. 4. **Pins 4 & 5:** Normally Closed (NC) contacts. --- ### 4. Applications * **Industrial Control Panels:** Controlling motors, solenoids, or heaters. * **PLC Interfacing:** Acting as a buffer between sensitive PLC outputs and heavy high-voltage loads. * **Logic Isolation:** Separating control circuits (low voltage) from power circuits (high voltage) to ensure safety.
    ✨ Follow-up Questions
    • ⤷ What is the difference between DPDT and SPDT in these relays?
    • ⤷ Which socket base is compatible with the M2PA-11-R2/UL?
    • ⤷ How do I calculate the power consumption of the relay coil?