전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PA-12-R2/

  • AI
    The **M2PA-12-R2** is a specific model of a **Miniature Power Relay** typically manufactured by companies like **Omron** (part of the G2R or M2PA series architectures). These components are designed to control high-power electrical circuits using a low-power signal. --- ### 1. Key Technical Specifications The "M2PA" designation often refers to the mounting style and internal configuration. Below are the typical electronic characteristics for this class of relay: | Feature | Specification (Typical) | | :--- | :--- | | **Coil Voltage** | 12V DC | | **Contact Form** | DPDT (Double Pole Double Throw) | | **Rated Load (Resistive)** | 5A to 10A at 250VAC / 30VDC | | **Max Switching Voltage** | 380VAC / 125VDC | | **Contact Material** | Silver Alloy (Ag-alloy) | | **Mounting Type** | Plug-in / Socket mount | --- ### 2. Internal Electronic Components A relay like the M2PA-12-R2 consists of several critical electronic and mechanical parts: #### A. The Electromagnetic Coil * **Function:** Converts the 12V DC electrical input into a magnetic field. * **Component:** Fine copper wire wound around an iron core. When energized, it pulls the armature toward it. #### B. The Contacts (Switching Element) * **Stationary & Movable Contacts:** These are the points that physically touch to complete the circuit. * **DPDT Logic:** This model features two separate sets of switches, each with a "Normally Open" (NO) and "Normally Closed" (NC) position. #### C. The Armature and Spring * **Armature:** A balanced metal plate moved by the magnetic field. * **Return Spring:** Ensures that when power is removed from the coil, the contacts return to their original "Rest" state. --- ### 3. Connection Pinout Diagram While the physical layout is usually a standard 8-pin or 11-pin configuration, the functional mapping is as follows: ```text [ Coil ] ---- Pin 1 & Pin 8 (12V DC Input) [ Pole 1 ] -- Pin 2 (Common), Pin 3 (NC), Pin 4 (NO) [ Pole 2 ] -- Pin 5 (Common), Pin 6 (NC), Pin 7 (NO) ``` --- ### 4. Typical Applications * **Industrial Control:** Used in PLC (Programmable Logic Controller) outputs to drive motors or heaters. * **Automation:** Interfacing between low-voltage sensors and high-voltage actuators. * **Power Isolation:** Protecting sensitive control electronics from high-voltage surges in the load circuit. --- ### 5. Selection Precautions 1. **Flyback Diode:** When driving the 12V coil from a transistor or microcontroller, always use a **flyback diode** (e.g., 1N4007) in parallel with the coil to prevent inductive voltage spikes. 2. **Inrush Current:** Ensure the 12V power supply can handle the "pick-up" current required to energize the coil (typically 40mA - 100mA).
    ✨ Follow-up Questions
    • ⤷What is the difference between DPDT and SPDT in these relays?
    • ⤷ How do I test if the M2PA-12-R2 coil is still functional using a multimeter?
    • ⤷ Which DIN-rail socket is compatible with the M2PA series?