전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PA-1B-R/N

  • AI
    The **M2PA-1B-R/N** is a specific automotive-grade relay manufactured by **Omron**. It is designed for high-current switching applications within vehicles, typically used in power distribution centers or engine compartments. --- ### 1. General Specifications The part number breaks down into specific technical characteristics. Below are the primary electronic specifications: | Feature | Specification | | :--- | :--- | | **Contact Form** | SPST-NC (Single Pole Single Throw, Normally Closed) | | **Coil Voltage** | 12 VDC | | **Rated Load** | 30A to 40A (Application dependent) | | **Contact Material** | Silver Alloy (AgSnIn) for anti-welding | | **Terminal Type** | Plug-in (ISO Micro Relay footprint) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Internal Components & Parts The M2PA-1B-R/N consists of several critical electronic and mechanical parts that allow it to function as an electromagnetic switch: #### A. The Electromagnetic Coil * **Function:** When 12V is applied to the coil terminals (85 and 86), it creates a magnetic field. * **The "R" Suffix:** In this specific model, the "R" often denotes an internal **Resistor** wired in parallel with the coil. * *Purpose:* This acts as a suppression device to prevent "back EMF" (voltage spikes) from damaging sensitive electronic control units (ECUs) when the relay is turned off. #### B. The Contacts (Normally Closed) * **The "1B" Designation:** This indicates a "Form B" contact arrangement. * **State:** Unlike standard relays that turn "on" when powered, this relay is **closed by default**. When the coil is energized, the magnetic force pulls the armature, **opening** the circuit. #### C. Housing and Sealing * **The "N" Suffix:** Usually refers to the sealing or mounting configuration. * **Construction:** The outer shell is made of heat-resistant plastic capable of withstanding the high-temperature environment of an engine bay. --- ### 3. Pinout Configuration (ISO Standard) This relay follows the standard ISO micro-relay pin numbering: | Pin Number | Description | | :--- | :--- | | **85** | Coil Ground | | **86** | Coil Power (12V) | | **30** | Common Terminal (Input) | | **87a** | Output (Normally Closed) | --- ### 4. Typical Applications Because this is a **Normally Closed** relay, it is frequently used for: * **Security Systems:** Cutting fuel pump power or starter signals when an alarm is triggered. * **Daytime Running Lights (DRL):** Turning off specific lighting when the main headlights are activated. * **Battery Isolation:** Disconnecting non-essential loads during specific vehicle states. ---
    ✨ Follow-up Questions
    • ⤷ What is the resistance value of the internal suppression resistor in the M2PA series?
    • ⤷ Can this relay be used in 24V systems
    • ⤷ or is it strictly 12V?
    • ⤷ What is the difference between the '1B' and '1A' versions of this relay?