전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PA-51-R2/N

  • AI
    The **M2PA-51-R2/N** is a specialized electronic component, typically categorized as a high-performance **Magnetic Proximity Sensor** or a **Limit Switch assembly**, often associated with industrial automation systems (like those from brands such as OMRON or similar precision manufacturers). Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications The part number typically denotes specific electrical and physical configurations: | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Proximity / Reed Switch Assembly | | **Contact Form** | SPDT (Single Pole Double Throw) or DPDT depending on the sub-series | | **Rated Voltage** | Typically 12V to 24V DC (Industrial standard) | | **Switching Current** | Low power (Signal level) | | **Housing Material** | Nickel-plated brass or high-grade plastic | | **Mounting Style** | Panel mount or Bracket mount (R2 suffix usually refers to a specific radius or mounting style) | --- ### 2. Key Electronic Components The device functions through a combination of several internal electronic elements: * **Reed Switch or Hall Effect Sensor:** The core sensing element. If it is a Reed switch, it uses two ferromagnetic blades that close when a magnetic field is present. If it is Hall Effect, it uses a semiconductor to detect magnetic flux. * **Built-in Protection:** Most "/N" variants include internal diodes or resistors to prevent "back-EMF" (electromagnetic interference) when switching inductive loads. * **LED Indicator:** Many industrial sensors in this series feature a built-in LED (typically Green or Red) to indicate the logic state (ON/OFF). * **Internal Circuitry:** ```cpp // Conceptual Logic Representation if (MagneticField > Threshold) { OutputState = CLOSED; IndicatorLED = ON; } else { OutputState = OPEN; IndicatorLED = OFF; } ``` --- ### 3. Wiring and Application This part is commonly used in safety interlocks, position detection for pneumatic cylinders, or door closure sensors. * **Wiring Color Codes (Typical):** 1. **Brown:** Positive Supply (+V) 2. **Blue:** Negative Supply (0V/Ground) 3. **Black/White:** Control Output (NO/NC signal) --- ### 4. Meaning of the Suffixes * **M2PA:** Series identifier (Miniature/Modular Proximity Assembly). * **51:** Specific mechanical size or sensitivity rating. * **R2:** Often indicates a specific **wire exit angle** or a **radius** for the mounting flange. * **N:** Usually indicates a **NPN** output type (Sinking) or a specific North-pole magnetic sensitivity.
    ✨ Follow-up Questions
    • ⤷What is the difference between the NPN and PNP versions of this sensor?
    • ⤷ What is the maximum sensing distance for the M2PA series?
    • ⤷ Can this sensor be used in high-temperature environments?