AI

The **M2PE-14-R** is a specific electronic component commonly associated with high-density interconnect solutions. It is part of a series of connectors designed for high-performance signal transmission, typically used in computing and telecommunications.
Below is a breakdown of its characteristics and technical specifications.
---
## 1. General Overview
The M2PE series is a **PCI Express (PCIe) compatible** connector system. Specifically, the "14-R" designation usually refers to the number of positions/pins and the mounting orientation.
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | M.2 (NGFF) / PCIe Interface Connector |
| **Number of Pins** | 14 positions (varies by keying configuration) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle (Horizontal) |
| **Contact Plating** | Gold (typically over Nickel) |
---
## 2. Technical Features
### Mechanical Properties
* **Pitch:** Usually features a fine pitch (0.50mm) to allow for high-density placement on the PCB.
* **Durability:** Rated for approximately 60 mating cycles.
* **Form Factor:** Designed to follow the **M.2 (Next Generation Form Factor)** standard, allowing for compact SSD or wireless module integration.
### Electrical Performance
* **Current Rating:** Typically 0.5A per pin.
* **Voltage Rating:** Rated at 50V AC/DC.
* **Signal Integrity:** Optimized for high-speed data protocols including PCIe Gen 3 and Gen 4, SATA 3.0, and USB 3.0.
---
## 3. Pinout & Connectivity
The 14-pin configuration is often a subset of a larger M.2 interface or a specific proprietary module connector. In the context of M.2:
1. **Top Row Contacts:** Used for high-speed differential pairs (TX/RX).
2. **Bottom Row Contacts:** Used for Power ($3.3V$), Ground (GND), and sideband signals (Reset, Clock).
---
## 4. Typical Applications
The M2PE-14-R is primarily found in compact electronic assemblies where vertical space is limited:
* **Solid State Drives (SSD):** Interfacing NVMe or SATA storage.
* **Wireless Modules:** Wi-Fi 6E, Bluetooth, and WWAN (4G/5G) cards.
* **Embedded Systems:** Industrial PCs and IoT gateways requiring modular upgrades.
---
## 5. Storage and Handling
As a Surface Mount Device (SMD), the M2PE-14-R is sensitive to moisture and mechanical stress:
* **MSL (Moisture Sensitivity Level):** Usually MSL 1 or 3 (requires dry-pack storage).
* **Soldering:** Compatible with Lead-Free Reflow soldering processes.
- ⤷
What is the exact pitch measurement for the M2PE-14-R?
- ⤷ Is this connector compatible with PCIe Gen 5 standards?
- ⤷ What is the recommended footprint layout for the PCB?