M2PE-16-R
AI

The **M2PE-16-R** is a specific electronic component, typically categorized as a high-density, high-speed connector module or a specific interface board (often associated with industrial automation or specialized PC interfaces like M.2 expansions).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The "M2PE" series generally refers to **M.2 (NGFF) to PCI Express** interface adapters or specific industrial terminal blocks. The "16-R" suffix often denotes the number of channels (16) and a specific orientation or revision (Right-angle or Relay-based).
### Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Interface Type** | M.2 (Key M or B+M) to PCIe x16 / Terminal Block |
| **Channel Count** | 16-Channel |
| **Mounting Style** | Through-hole or Rail-mount (depending on specific industrial housing) |
| **Signal Integrity** | Support for PCIe Gen 3.0 or 4.0 signaling |
| **Termination** | Resistor-terminated (indicated by the "-R") |
---
## 2. Electronic Architecture
The internal circuitry of the M2PE-16-R focuses on three primary electronic domains:
### A. Signal Routing (High-Speed)
* **Differential Pairs:** The board utilizes impedance-controlled routing (usually 85Ω or 100Ω) to ensure data integrity between the M.2 controller and the 16 output channels.
* **EMI Shielding:** Often includes a ground plane layer to prevent crosstalk between the 16 high-density lanes.
### B. Power Management
* **DC-DC Conversion:** Most modules convert the 3.3V provided by the M.2 slot to the necessary voltage for the 16 output ports.
* **Decoupling Capacitors:** Small ceramic capacitors (MLCC) are placed near the output pins to filter high-frequency noise.
### C. Protection Circuitry
* **TVS Diodes:** Transient Voltage Suppression diodes are used to protect the M.2 host from electrostatic discharge (ESD) coming from the 16 external connections.
* **Resistor Networks:** The "-R" variant often includes pull-up or pull-down resistors to define logic states when no device is connected.
---
## 3. Typical Pinout Configuration
While specific pinouts vary by manufacturer (e.g., Advantech, Mouser, or custom industrial builds), a standard 16-channel M2PE module follows this logic:
| Pin Group | Function | Voltage/Signal |
| :--- | :--- | :--- |
| **1-4** | Power Supply | 3.3V / 5V / GND |
| **5-12** | Data Lanes 0-7 | Differential +/- |
| **13-20** | Data Lanes 8-15 | Differential +/- |
| **21-24** | Clock/Reset | REFCLK / PERST# |
---
## 4. Applications
1. **Industrial Data Acquisition:** Collecting signals from 16 sensors and feeding them into a compact M.2-based industrial PC.
2. **SSD Expansion:** Routing PCIe lanes to external storage arrays.
3. **Automated Test Equipment (ATE):** Using the 16 channels to trigger external relays or logic probes.
---
- ⤷
What is the maximum data transfer rate supported by the M2PE-16-R?
- ⤷ Does this component require external power
- ⤷ or is it bus-powered?
- ⤷ Is the M2PE-16-R compatible with NVMe protocol or strictly for GPIO/Relay use?