전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PE-1A-R2/UL

  • AI
    The **M2PE-1A-R2/UL** is a specific model of a **Miniature PCB Power Relay**, commonly used in industrial automation, security systems, and telecommunications. This component acts as an electrically operated switch, allowing a low-power signal to control a much higher-power circuit. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Feature | Specification | |:---|:---| | **Contact Form** | 1A (SPST-NO: Single Pole Single Throw, Normally Open) | | **Contact Material** | AgSnO2 (Silver Tin Oxide) or AgNi (Silver Nickel) | | **Coil Voltage** | Typically 5V, 12V, or 24V DC (Model specific) | | **Rated Load (Resistive)** | 5A to 10A @ 250VAC / 30VDC | | **Max Switching Voltage** | 250VAC / 110VDC | | **Dielectric Strength** | 4,000V AC (between coil and contacts) | | **Safety Certification** | UL (Underwriters Laboratories) Recognized | --- ### 2. Breakdown of the Model Name Understanding the alphanumeric code helps identify the part's physical and electrical properties: * **M2PE**: Series designation (Miniature Power Relay). * **1A**: Contact Arrangement. "1A" signifies one set of contacts that are "Normally Open" (they close only when the coil is energized). * **R2**: Refers to the sealing or construction type (usually "Flux Tight" or "Plastic Sealed" for wave soldering protection). * **UL**: Indicates the component meets UL safety standards for the North American market. --- ### 3. Internal Components The relay consists of four primary electronic/mechanical parts: 1. **The Coil:** A copper wire winding that creates a magnetic field when DC current passes through it. 2. **The Armature:** A moving ferromagnetic part that is pulled toward the coil by the magnetic field. 3. **The Contacts:** The actual "switch" points. The **1A** configuration means there is one stationary contact and one moving contact. 4. **The Spring:** Returns the armature to its original position once power is removed from the coil, opening the circuit. --- ### 4. Typical Applications * **Home Appliances:** Controlling heating elements or small motors in microwave ovens and dishwashers. * **PLC Interfaces:** Used as an output module for Programmable Logic Controllers. * **HVAC:** Switching fans or dampers in climate control systems. * **Security:** Triggering alarms or magnetic door locks. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your version of the M2PE-1A-R2/UL?
    • ⤷ How does an AgSnO2 contact material compare to AgNi in terms of lifespan?
    • ⤷ What is the pin pitch for this relay for PCB layout design?