전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHS2H-11-R

  • AI
    The **M2PHS2H-11-R** is a specific electronic component belonging to the family of **High-Definition Multimedia Interface (HDMI) Connectors**. It is primarily used on Printed Circuit Boards (PCBs) to facilitate high-speed digital video and audio data transmission. --- ### 1. General Specifications This part is a **Type A HDMI Receptacle** (Female). Below are the typical technical characteristics associated with this specific part number: | Parameter | Specification | | :--- | :--- | | **Connector Type** | HDMI Type A (Standard) | | **Gender** | Receptacle (Female) | | **Number of Pins** | 19 Pins | | **Mounting Type** | Surface Mount (SMT) + Through-Hole Shell Tabs | | **Orientation** | Right Angle (Horizontal) | | **Contact Plating** | Gold Plating (usually 15u" or 30u") | | **Shielding** | Fully Shielded (Metal Shell) | --- ### 2. Physical Design Features The "H" and "R" in the suffix typically refer to specific mechanical orientations and packaging: * **Right Angle Orientation:** The connector sits parallel to the PCB, allowing cables to be plugged in from the side of the device (common in laptops, TVs, and monitors). * **Hybrid Mounting:** It often uses **SMT (Surface Mount Technology)** for the 19 signal pins to save space, while using **Through-Hole (TH)** "legs" or tabs for the outer shell to provide mechanical strength and grounding. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with RoHS (Restriction of Hazardous Substances) standards. --- ### 3. Electrical Performance Designed to handle high-frequency signals, the M2PHS2H-11-R adheres to the following electrical standards: 1. **Impedance Matching:** Maintained at **100 Ohms** (differential) to prevent signal reflection. 2. **Current Rating:** Typically **0.5A per pin**. 3. **Voltage Rating:** **40V AC (RMS)**. 4. **Dielectric Withstanding Voltage:** **500V AC** for 1 minute. 5. **Insulation Resistance:** **100M Ohms** minimum. --- ### 4. Typical Applications This component is found in consumer electronics where high-bandwidth digital output is required: * **Computing:** Motherboards, Graphics Cards (GPUs), and Laptops. * **Display:** PC Monitors and Television sets. * **Gaming:** Console output ports (PlayStation, Xbox). * **Embedded Systems:** Industrial PCs and Media Players. --- ### 5. Footprint Example (Simplified) If you are designing a PCB for this part, the landing pattern usually looks like this: ```markdown - 19 SMT pads for signal pins (0.5mm pitch) - 4 Large Through-hole pads for the metal shield (Mechanical support) - 2 Alignment plastic pegs (optional depending on the exact sub-model) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch spacing for the signal pins on this connector?
    • ⤷ Are there through-hole versions of this part available for higher durability?
    • ⤷ Which manufacturer produces the M2PHS2H-11-R?