전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHS2H-CA-R2

  • AI
    The **M2PHS2H-CA-R2** is a specific SKU primarily associated with high-performance **M.2 NVMe SSD expansion cards** (often from manufacturers like Advantech or specialized industrial hardware providers). This specific model number typically refers to a dual-slot M.2 to PCIe adapter or a specialized storage module. Below is the breakdown of its electronic components and architectural design. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 (Support for M-Key) | | **Interface** | PCIe Gen3 or Gen4 x4 (Physical/Electrical) | | **Controller Type** | NVMe Protocol Bridge or PLX Switch (depending on bifurcation) | | **Host Connector** | High-density gold finger connector | | **Storage Support** | Supports up to 2x M.2 NVMe SSDs (High Speed) | --- ### 2. Main Electronic Components The board consists of several critical sub-systems to manage data integrity and power delivery: #### A. Power Management Integrated Circuits (PMIC) * **Voltage Regulators:** Converts the 12V or 5V input from the PCIe slot down to **3.3V**, which is the standard operating voltage for M.2 SSDs. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCCs) are placed near the M.2 slots to filter high-frequency noise and prevent voltage drops during heavy "burst" write operations. #### B. Signal Integrity Components * **Differential Pair Routing:** The PCB uses controlled impedance traces to handle high-speed PCIe differential signaling. * **Re-drivers (Optional):** Some variants include signal re-drivers to ensure data integrity over longer trace lengths, maintaining PCIe compliance. #### C. Connectivity & Protection * **M.2 M-Key Slots:** Physical connectors designed for NVMe modules (not SATA). * **Thermal Pads/Heatsinks:** Given the "HS" in many of these part numbers (Heat Sink), the assembly includes aluminum extrusions and thermal interface materials (TIM) to prevent thermal throttling of the NAND flash and controller. * **SMD Resistors:** Used for configuration strapping (setting the PCIe lane behavior) and LED status indicators. --- ### 3. Functional Architecture 1. **PCIe Bifurcation:** The hardware often relies on the host motherboard's ability to "bifurcate" (split) a single x8 or x16 lane into x4/x4 segments to recognize both drives. 2. **Clock Buffers:** Ensures that the reference clock (RefClk) is synchronized across both SSDs to prevent data corruption. 3. **LED Logic:** Integrated surface-mount LEDs provide visual feedback for: * **Power:** Constant green/blue. * **Activity:** Blinking amber/yellow during Read/Write cycles. --- ### 4. Application Use-Case * **Industrial Computing:** Used in rugged environments where high-speed OS booting and data logging are required. * **RAID Configurations:** Allows the creation of RAID 0 (Performance) or RAID 1 (Redundancy) arrays at the hardware or OS level.
    ✨ Follow-up Questions
    • ⤷ Does this module require BIOS PCIe bifurcation support to recognize both drives?
    • ⤷ What are the specific thermal dissipation ratings for the R2 version?
    • ⤷ Is the M2PHS2H-CA-R2 compatible with PCIe Gen4 SSDs?