M2PHS2L-A1D-R2/Q
AI

The **M2PHS2L-A1D-R2/Q** is a specific technical part number typically associated with **industrial control components**, specifically high-performance **Push Button Switches** or **Selector Switches** often manufactured by brands like IDEC or similar industrial automation suppliers.
Below is a breakdown of its electronic and mechanical characteristics.
### 1. Component Overview
This part belongs to a modular series where the part number defines the mounting size, operator type, contact configuration, and illumination.
| Specification | Detail |
| :--- | :--- |
| **Series** | M2 Series (Commonly 22mm or 30mm industrial standard) |
| **Component Type** | Illuminated Push Button / Selector Switch |
| **Mounting Diameter** | Typically 22mm (Standard industrial hole size) |
| **Action Type** | Momentary or Maintained (Depending on the "L" suffix) |
---
### 2. Part Number Breakdown (Functional Logic)
In industrial switching, each character in the string represents a specific electronic or physical attribute:
* **M2P**: Refers to the series type (Modular Pilot device).
* **HS**: Often denotes a "High Square" or "Selector" head style.
* **2L**: Indicates the illumination type. "L" usually stands for **LED**.
* **A1D**:
* **A**: Contact material (often Silver or Gold-clad).
* **1**: Number of contact blocks (1 NO or 1 NC).
* **D**: Voltage rating (commonly **24V AC/DC** for LED units).
* **R2**: Color code. "R" typically stands for **Red**.
* **Q**: Quick-connect or specialized terminal designation.
---
### 3. Key Electronic Specifications
These devices are designed for integration into Control Panels, PLCs, and Safety circuits.
| Feature | Description |
| :--- | :--- |
| **Rated Operational Voltage** | 24V AC/DC (LED circuit); up to 250V for contacts. |
| **Contact Resistance** | Typically < 50mΩ. |
| **Insulation Resistance** | > 100MΩ at 500V DC. |
| **Illumination Technology** | Surface Mount or Integrated LED for long life (>50,000 hours). |
| **Ingress Protection** | Usually **IP65** (Oil-tight and Water-tight from the front). |
---
### 4. Typical Wiring Diagram (Simplified)
Industrial switches separate the **Lamp Circuit** from the **Switching Circuit**.
```text
Terminal X1 (+) ---- [ Internal LED ] ---- Terminal X2 (-) (Power for Red Light)
Terminal 13 (NO) ---- [ Contact Gap ] ---- Terminal 14 (NO) (Switching Logic)
```
---
### 5. Application Areas
* **PLC Input Modules:** Sending signals to start or stop a process.
* **Emergency Indicators:** Using the Red LED to indicate a fault state.
* **Human-Machine Interface (HMI):** Physical override buttons on CNC machines or assembly lines.
- ⤷
What is the specific mounting hole diameter for the M2P series?
- ⤷ Does the 'L' suffix indicate a latching or momentary action in this specific catalog?
- ⤷ What are the alternative color codes for the 'R2' segment of the part number?