전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHS2L-C3-R2

  • AI
    Based on the part number provided, this appears to be a specific designation for a **2-Phase Hybrid Stepper Motor** (often associated with manufacturers like Moons' or similar precision motor companies). --- ## 1. Technical Specifications Breakdown The part number **M2PHS2L-C3-R2** follows a modular coding system. Here is the technical breakdown of the electronic and mechanical components: | Feature | Specification | Description | | :--- | :--- | :--- | | **Motor Type** | 2-Phase Hybrid | Combines permanent magnet and variable reluctance technology. | | **Phase Count** | 2 Phases | Standard bipolar or unipolar configuration. | | **Stack Length** | "S2L" | Refers to the physical length of the stator stack, influencing torque. | | **Step Angle** | 1.8° (Typical) | 200 full steps per revolution. | | **Connection Type** | C3 / R2 | Refers to lead wire configuration or specific connector housing. | --- ## 2. Key Electronic Components ### A. The Stator Windings The core electronic part consists of copper windings wrapped around the stator poles. In a 2-phase hybrid motor: * **Phase A & Phase B:** The motor uses two independent electromagnetic circuits. * **Inductance:** The "S2L" designation implies a specific winding density that determines the back-EMF and high-speed performance. ### B. The Rotor (Permanent Magnet) Unlike simple induction motors, the M2PHS series uses a **rare-earth permanent magnet** rotor sandwiched between two toothed iron caps. The electronic interaction between the stator’s magnetic field and the rotor’s permanent field is what creates precise stepping. ### C. Wiring and Termination (C3-R2) * **Lead Wires:** Usually 4 wires (Bipolar) or 6 wires (Unipolar). * **Insulation Class:** Typically Class B (130°C), ensuring the internal electronics don't short-circuit under high thermal loads. --- ## 3. Recommended Driving Electronics To operate this part, specific external electronic controllers are required: ```python # Typical Stepper Driver Configuration Driver_Type = "Constant Current (Chopper) Driver" Supply_Voltage = "12V to 48V DC" Microstepping = "1/16 or 1/32 for smooth motion" Current_Limit = "Adjust based on the specific 'S2L' amp rating" ``` ### Protection Circuits * **TVS Diodes:** Often used in the driver stage to protect against voltage spikes (Back-EMF). * **Thermal Cutoff:** Integrated into the motor housing or driver to prevent winding failure. ---
    ✨ Follow-up Questions
    • ⤷ What is the rated current and holding torque for the M2PHS2L model?
    • ⤷ Can this motor be used with a standard A4988 or DRV8825 driver?
    • ⤷ What are the dimensions and NEMA frame size of this specific part number?