전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHS2W-15A-R/Q

  • AI
    The **M2PHS2W-15A-R/Q** is a high-power electronic component, specifically a **Solid State Relay (SSR)** or a specialized **Power Controller Module**. These devices are designed to switch high-current AC loads using semiconductor technology rather than mechanical contacts. --- ### 1. Technical Specifications Table | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay / Power Module | | **Max Load Current** | 15 Amperes | | **Output Type** | AC (Alternating Current) | | **Control Signal** | Low Voltage DC (typically 3-32VDC) | | **Mounting Type** | Panel Mount or Heat Sink Mount | | **Switching Mode** | Zero-Cross or Phase Angle (Depending on exact sub-suffix) | --- ### 2. Key Electronic Features The part number indicates several specific electronic characteristics: * **15A Rating:** The "15A" signifies its maximum continuous current capacity. In electronic design, it is recommended to derate this by 20-30% for safety. * **Opto-Isolation:** This device utilizes an internal LED and a phototransistor/triac to isolate the low-power control circuit from the high-power AC load, protecting the microcontroller (e.g., Arduino/PLC). * **Thyristor/Triac Output:** Unlike mechanical relays, it uses back-to-back thyristors (SCRs) or a Triac. This eliminates arcing, reduces EMI (Electromagnetic Interference), and provides a much longer lifespan. * **Thermal Management:** The "PHS" designation often implies a design optimized for heat dissipation. It usually features a metal baseplate meant to be bolted to an external aluminum heat sink. --- ### 3. Application Use-Cases 1. **Industrial Heating:** Controlling resistive heating elements in ovens or plastic extrusion machines. 2. **Motor Control:** Switching small single-phase AC motors. 3. **Lighting Systems:** Managing high-power stage lighting or industrial LED arrays where rapid switching is required. --- ### 4. Comparison: SSR vs. Mechanical Relay | Feature | Solid State (M2PHS) | Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Millions of cycles (No wear) | Limited (Mechanical fatigue) | | **Switching Speed** | Very Fast (ms) | Slow (Mechanical delay) | | **Noise** | Silent | Audible "Click" | | **Heat Generation** | High (Requires Heat Sink) | Low | ---
    ✨ Follow-up Questions
    • ⤷ Does this component require a specific heat sink for 15A continuous operation?
    • ⤷ What is the input control voltage range for the R/Q series?
    • ⤷ Can this module be used for DC load switching?