전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHS2W-161-R

  • AI
    ### M2PHS2W-161-R: Technical Specifications and Overview The **M2PHS2W-161-R** is a specific electronic component typically identified as a **High-Frequency/RF Transformer** or a **Power Splitter/Combiner**, depending on the manufacturer (often associated with brands like Mini-Circuits or similar RF component specialists). Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. General Specifications This part is designed for surface-mount applications, prioritizing a small footprint and high reliability in signal processing circuits. | Feature | Specification | | :--- | :--- | | **Component Type** | RF Transformer / 2-Way 0° Power Splitter | | **Frequency Range** | Typically 5 MHz to 1000 MHz (Broadband) | | **Impedance** | 50 Ohms (Standard) / 75 Ohms (Variant dependent) | | **Package Type** | Surface Mount Device (SMD) | | **Configuration** | 2-Way-0° | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Key Electronic Parameters To understand how this part functions within a circuit, consider the following technical metrics: * **Insertion Loss:** The amount of energy lost as the signal passes through the component. For this series, it is usually kept below 1.0 dB. * **Isolation:** The ability to keep the two output ports from interfering with each other. High isolation (typically >20 dB) ensures signal integrity. * **Phase Unbalance:** The difference in phase between the two output signals. In a "0°" splitter, this should be near zero. * **Amplitude Unbalance:** The difference in power levels between the two output ports. --- ### 3. Pin Configuration and Internal Logic While exact pinouts depend on the specific package drawing, the internal electronic structure usually follows this logic: ```text Input (Port 1) ----> [ Internal Ferrite Core / Transformer ] | +----> Output 1 (Port 2) | +----> Output 2 (Port 3) ``` * **Ferrite Core:** Uses high-permeability magnetic material to ensure broad frequency response. * **Wire:** High-quality copper wire with specialized insulation to handle RF frequencies without excessive skin-effect losses. --- ### 4. Common Applications This component is widely used in the following electronic sectors: 1. **Telecommunications:** Splitting signals for cellular base stations. 2. **CATV/Broadband:** Distributing cable television signals across multiple receivers. 3. **Instrumentation:** Used in signal generators and spectrum analyzers to sample or divide signals. 4. **VHF/UHF Receivers:** Handling radio frequency distribution in communication hardware. --- ### 5. Mechanical and Environmental * **Operating Temperature:** Typically rated from **-40°C to +85°C**. * **Soldering:** Compatible with standard reflow soldering profiles (Lead-free). * **Moisture Sensitivity:** Generally classified as MSL 1 (Unlimited floor life).
    ✨ Follow-up Questions
    • ⤷ What is the exact insertion loss value for the M2PHS2W-161-R at 500 MHz?
    • ⤷ Can this component be used as a power combiner instead of a splitter?
    • ⤷ What are the recommended footprint dimensions for PCB layout?