M2PHS2W-1C-R
AI

The **M2PHS2W-1C-R** is a specific part number typically associated with high-precision, small-form-factor electronic components, most commonly identified as a **Micro-Switch** or a **Tactile Limit Switch**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is designed for PCB mounting and is used in applications requiring tactile feedback and high reliability.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Micro-Switch / Snap Action Switch |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Switching Function** | 1C (Changeover) |
| **Terminal Type** | Solder Terminals / Through-hole |
| **Mounting Style** | PCB Mount |
| **Actuator Type** | Pinhole / Plunger (W-type variant) |
---
### 2. Electrical Characteristics
The internal electronics are designed to handle signal-level currents or low-power control circuits.
* **Contact Rating:** Usually rated for **3A to 5A at 125/250VAC** (depending on the specific sub-series manufacturer).
* **Contact Resistance:** Typically less than **30mΩ** (initial).
* **Insulation Resistance:** Minimum **100MΩ** at 500VDC.
* **Dielectric Strength:** Capable of withstanding **1000VAC** for 1 minute between non-consecutive terminals.
---
### 3. Mechanical & Environmental Properties
The "R" suffix often denotes specific compliance or packaging (like RoHS compliance or Tape & Reel).
* **Operating Force (OF):** High sensitivity, usually requiring between **50g to 150g** of force to actuate.
* **Durability:**
* Mechanical life: > 1,000,000 cycles.
* Electrical life: > 100,000 cycles at full load.
* **Operating Temperature:** Typically rated from **-25°C to +85°C**.
---
### 4. Pinout Configuration (1C Style)
As a "1C" (SPDT) switch, it features three distinct electrical contact points:
1. **COM (Common):** The input terminal.
2. **NC (Normally Closed):** Connected to COM when the switch is at rest.
3. **NO (Normally Open):** Connects to COM only when the actuator is pressed.
---
### 5. Common Applications
* **Computer Peripherals:** Mouse buttons or printer limit sensors.
* **Industrial Automation:** End-stop sensors for CNC machines or 3D printers.
* **Consumer Electronics:** Safety interlocks for small appliances.
* **Automotive:** Door latch or seatbelt detection signals.
- ⤷
What are the physical dimensions of the M2PHS2W-1C-R?
- ⤷ Can this switch be used in high-voltage DC applications?
- ⤷ What is the difference between the 'W' and 'P' variants in this part series?