전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHS2W-A12-R/CE

  • AI
    The **M2PHS2W-A12-R/CE** is a high-performance, industrial-grade **Single-Phase Solid State Relay (SSR)** manufactured by Menics. It is designed for switching AC loads with high frequency and durability, replacing traditional mechanical contactors. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Control Voltage (Input)** | 4 - 32V DC | | **Load Voltage (Output)** | 90 - 240V AC | | **Rated Load Current** | 20A (Amperes) | | **Switching Type** | Zero Cross Switching | | **Phase** | Single-Phase | | **Certification** | CE Compliant | --- ### 2. Core Electronic Components & Features #### A. Zero Cross Switching Logic This part utilizes a **Zero Cross** trigger circuit. - **Function:** The relay only switches "ON" when the AC load voltage is near zero volts. - **Benefit:** This significantly reduces inrush current and electromagnetic interference (EMI), protecting sensitive electronic components downstream. #### B. Optical Isolation Inside the unit, the input (control) side is electrically isolated from the output (load) side using an **Optocoupler**. - This prevents high-voltage spikes from the AC load side from damaging the DC control circuit (e.g., a PLC or Arduino). #### C. Power Semiconductor (Triac/Thyristor) Instead of mechanical contacts, it uses a high-power semiconductor (usually a Triac or back-to-back Thyristors) to handle the 20A current. This means: - No physical wear or arcing. - Silent operation. - Extremely fast switching speeds. --- ### 3. Physical & Safety Design * **Integrated Heat Sink:** The "PHS" designation typically refers to the integrated heat sink design, which is critical for dissipating thermal energy generated during the 20A load operation. * **LED Indicator:** Features a built-in input status LED (usually Red) to provide a visual confirmation that the control signal is active. * **Protection:** It often includes a built-in snubber circuit (RC network) to protect the internal semiconductor against high $dv/dt$ (voltage spikes). --- ### 4. Application Use Cases Due to its 20A rating and DC control, it is commonly used in: 1. **Heater Control:** PID temperature control in plastic extruders or ovens. 2. **Motor Control:** Small single-phase AC motors (fans/pumps). 3. **Lighting Systems:** Large-scale industrial lighting automation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero Cross and Random Turn-on switching for this SSR?
    • ⤷ Does this model require an external cooling fan if operating at the full 20A load?
    • ⤷ How do I wire the 4-32VDC input to a PLC output?