전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHS2W-CA-R/N

  • AI
    The **M2PHS2W-CA-R/N** is a specialized high-performance industrial cooling fan, typically manufactured by **Sanyo Denki** (San Ace series). It is an AC-powered centrifugal fan (blower) designed for high static pressure applications. --- ### 1. Technical Specifications Below are the primary electronic and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 200V - 240V AC | | **Frequency** | 50 / 60 Hz | | **Current Type** | Alternating Current (AC) | | **Bearing Type** | Dual Ball Bearing | | **Housing Material** | Aluminum / Die-cast | | **Impeller Material** | Plastic (Flame Retardant UL94V-0) | | **Termination** | Lead Wires | --- ### 2. Electronic Components & Features The "Electronic Parts" aspect of this fan involves the internal motor control and protection circuitry: #### A. Motor Design * **Capacitor-Run Induction Motor:** It utilizes an internal capacitor to create a phase shift in the windings, allowing the motor to start and run efficiently on single-phase AC power. * **Brushless Operation:** Being an AC induction motor, it lacks brushes, which significantly extends the lifespan and reduces electromagnetic interference (EMI). #### B. Protection Circuitry * **Thermal Protection:** Most models in this series include an "Impedance Protection" or "Thermal Cutoff" mechanism. If the rotor is locked or the temperature exceeds safety limits, the electronic impedance of the windings prevents the motor from catching fire. * **Insulation Resistance:** The electronics are rated for high dielectric strength (typically 1500V AC for 1 minute) to ensure user safety against high-voltage leaks. #### C. Connector and Wiring * The **"R/N" suffix** often denotes specific lead wire configurations or regional compliance standards (such as RoHS compliance). * The wires are color-coded (typically Black/Black or Brown/Blue) for easy integration into industrial control panels. --- ### 3. Application Use-Cases Because of its high static pressure capabilities, this electronic part is used in: 1. **Server Racks:** Pushing air through dense blade servers. 2. **Industrial Inverters:** Cooling high-power IGBT modules. 3. **Medical Equipment:** Ventilation for MRI or CT scanners where reliability is critical. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and N variants in this model series?
    • ⤷ Does this fan support PWM speed control or is it fixed speed?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for this component?