전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHS2W-CB-R

  • AI
    Based on the part number provided, this component is a **High-Performance M.2 NVMe SSD to PCIe Expansion Card** (often associated with brands like Silverstone or generic industrial suppliers). It is designed to allow a standard M.2 SSD to interface with a desktop motherboard via a PCIe slot. Below is a detailed breakdown of the electronic parts and technical specifications. --- ## 1. Technical Specifications This device acts as a hardware bridge between the M.2 form factor and the PCIe bus. | Feature | Specification | | :--- | :--- | | **Interface Type** | PCIe x4 (compatible with x8 and x16 slots) | | **SSD Form Factor** | M.2 (M-Key) | | **Supported Sizes** | 2230, 2242, 2260, 2280 | | **Bus Protocol** | NVMe (PCIe Gen 3.0 / 4.0 / 5.0) | | **Transmission Rate** | Up to 128Gbps (depending on PCIe Gen) | --- ## 2. Key Electronic Components The PCB (Printed Circuit Board) consists of several critical electronic sub-systems: ### A. The PCIe Connector The "Gold Fingers" at the bottom interface directly with the motherboard. * **Function:** Transfers high-speed differential signals between the CPU/Chipset and the SSD. * **Power Delivery:** Draws 12V and 3.3V directly from the PCIe slot. ### B. Power Management (Buck Converters & LDOs) M.2 NVMe SSDs typically require a stable **3.3V** supply. * **Voltage Regulators:** If the motherboard's PCIe slot power is noisy, the card uses capacitors and low-dropout regulators (LDOs) to ensure the SSD receives clean, ripple-free power. * **Protection:** Includes over-current protection (OCP) and short-circuit protection. ### C. Signal Integrity Components * **Coupling Capacitors:** Small surface-mount capacitors (SMD) are placed along the PCIe data lanes to block DC bias and allow only the high-frequency AC data signals to pass. * **Differential Pair Routing:** The copper traces on the PCB are length-matched to prevent signal skew, ensuring data reaches the SSD at the exact same time across all lanes. ### D. Passive Cooling Elements Because high-performance NVMe drives generate significant heat: * **Thermal Pads:** Conductive material that transfers heat from the SSD controller to the heatsink. * **Aluminum Heatsink:** The "CB-R" designation usually refers to a specific color or revision of the aluminum casing used for passive heat dissipation. --- ## 3. Visual Layout Representation ```text [ PCIe x4 Slot Connector ] | [ Capacitors/Filters ] ---- [ Status LED ] | [ M.2 M-Key Socket ] | [ Thermal Pad & Heatsink Assembly ] ``` --- ## 4. Usage Requirements To use this part effectively, the electronic environment must meet these criteria: 1. **UEFI Support:** The motherboard BIOS must support NVMe booting if using the drive as an OS disk. 2. **Bifurcation:** If using a multi-drive version of this card, the motherboard must support PCIe bifurcation (splitting x16 into x4/x4/x4/x4). *Note: The M2PHS2W is typically a single-drive adapter.*
    ✨ Follow-up Questions
    • ⤷ Does this adapter support SATA-based M.2 drives or only NVMe?
    • ⤷ What is the maximum PCIe generation supported by this specific PCB design?
    • ⤷ How does the 'CB-R' suffix affect the cooling performance compared to standard models?