전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHSH-AC-R/CE

  • AI
    The **M2PHSH-AC-R/CE** is a specific model within the **M2 Series** of digital panel meters, typically manufactured by companies like **M-System**. These devices are used for measuring and displaying electrical parameters in industrial automation and power monitoring. --- ### 1. Technical Specifications Breakdown The alphanumeric code represents specific hardware configurations. Below is a detailed breakdown of the components and their functions: | Code Segment | Part Category | Description | | :--- | :--- | :--- | | **M2PHSH** | **Base Model** | Digital Phase Angle Meter (measures phase difference). | | **AC** | **Input Type** | AC voltage and AC current sensing. | | **R** | **Power Supply** | 24V DC auxiliary power (standard for industrial control panels). | | **CE** | **Certification** | Complies with European Safety and EMC Standards (CE Mark). | --- ### 2. Core Electronic Components Internally, this device consists of several critical electronic subsystems: #### A. Input Conditioning Circuitry * **Isolation Transformers:** High-precision potential transformers (PT) and current transformers (CT) to isolate high-voltage power lines from the low-voltage electronics. * **Filtering:** RC low-pass filters to remove harmonic noise from the AC signal. #### B. Signal Processing Unit * **Zero-Crossing Detectors:** Specialized comparators that detect exactly when the AC wave crosses zero volts. By comparing the time difference between the Voltage zero-cross and Current zero-cross, the meter calculates the **Phase Angle**. * **Microcontroller (MCU):** An 8-bit or 16-bit processor that converts the time difference into degrees (°) or Lead/Lag values. #### C. Output & Interface * **LED/LCD Display Driver:** Controls the 4-digit numeric display. * **Analog Output (Optional):** Many units include a DAC (Digital-to-Analog Converter) to output a 4-20mA or 1-5V signal proportional to the phase angle for PLC integration. --- ### 3. Connection Diagram (General) In a typical installation, the wiring follows this electronic logic: ```mermaid graph LR A[AC Voltage Input] --> B(Internal PT) C[AC Current Input] --> D(Internal CT) B --> E[Phase Detection Circuit] D --> E E --> F[Microprocessor] G[24V DC Power] --> F F --> H[Display] F --> I[Analog Output Signal] ``` ### 4. Key Performance Features * **Galvanic Isolation:** High isolation between input, output, and power supply (usually 2000V AC). * **Sampling Rate:** High-speed sampling to ensure accuracy even with slightly distorted waveforms. * **Operating Range:** Typically handles frequencies from 45Hz to 65Hz. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical wiring precautions for the current input (CT) of this meter?
    • ⤷ Does this specific model support Modbus RTU communication?
    • ⤷ How do you calibrate the phase angle offset on the M2 series?