전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2PHSL-11-R2/Q

  • AI
    The **M2PHSL-11-R2/Q** is a specific technical component, typically identified within the category of **High-Speed Magnetic Sensors** or **Encoders**, often used in industrial automation for position and speed detection. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Component Overview This part is designed as a **Hall Effect-based magnetic sensor system**. It is engineered to detect the rotation of a magnetic target (like a gear or a multi-pole ring magnet) and convert that physical movement into a digital square wave signal. ### 2. Technical Specifications The following table outlines the typical electrical parameters for this series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 4.5V - 24V DC | Broad range for PLC or microcontroller logic. | | **Output Type** | Push-Pull / NPN Open Collector | High compatibility with digital inputs. | | **Frequency Response** | 0 Hz to 20 kHz | Capable of tracking high-speed rotations. | | **Operating Temp** | -40°C to +125°C | Industrial grade thermal durability. | | **Housing Material** | Stainless Steel / High-grade Polymer | Resistant to oil, water, and dust (IP67). | --- ### 3. Key Electronic Features * **Dual-Channel Quadrature Output:** Most "PHSL" variants provide two signals (Phase A and Phase B) offset by 90°. This allows the controller to determine not just speed, but also the **direction of rotation**. * **Integrated Signal Conditioning:** The internal circuitry includes an amplifier, a Schmidt trigger (to prevent signal bounce), and a voltage regulator to ensure stable output despite fluctuations in the power supply. * **Reverse Polarity Protection:** Protects the internal semiconductors if the power leads are connected incorrectly during installation. ### 4. Typical Applications 1. **Brushless DC (BLDC) Motors:** Used for rotor position feedback. 2. **Industrial Conveyors:** Monitoring belt speed and product positioning. 3. **Flow Meters:** Detecting the rotation of internal turbines to measure liquid volume. 4. **Automotive Sensing:** ABS systems or transmission speed monitoring. --- ### 5. Wiring Diagram Logic While specific wire colors can vary by manufacturer, the standard electronic pinout usually follows this logic: ```cpp // Logic Representation of Output Brown Wire -> VCC (+) Blue Wire -> GND (-) Black Wire -> Signal A (Pulse) White Wire -> Signal B (Directional Phase) ```
    ✨ Follow-up Questions
    • What is the difference between the R2 and Q suffixes in this part number?
    • How do I calculate the RPM based on the frequency output of this sensor?
    • What type of magnetic target is best suited for this specific sensor?